Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE62005 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CDCE62005_10 Datasheet HTML 3Page - Texas Instruments CDCE62005_10 Datasheet HTML 4Page - Texas Instruments CDCE62005_10 Datasheet HTML 5Page - Texas Instruments CDCE62005_10 Datasheet HTML 6Page - Texas Instruments CDCE62005_10 Datasheet HTML 7Page - Texas Instruments CDCE62005_10 Datasheet HTML 8Page - Texas Instruments CDCE62005_10 Datasheet HTML 9Page - Texas Instruments CDCE62005_10 Datasheet HTML 10Page - Texas Instruments CDCE62005_10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
/1:/2:HiZ
/1:/2:HiZ
ReferenceDivider
/1-/8
PRI_IN
SEC_IN
XTAL/
AUX_IN
1500MHz
LVPECL:1500MHz
LVDS:800MHz
LVCMOS:250MHz
1500MHz
Crystal:2MHz-40MHz
Smart
MUX1
Smart
MUX2
SmartMUX
Control
REF_SEL
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Input Block
The Input Block includes a pair of Universal Input Buffers and an Auxiliary Input. The Input Block buffers the
incoming signals and facilitates signal routing to the Internal Clock Distribution bus and the Synthesizer Block via
the smart multiplexer (called the Smart MUX). The Internal Clock Distribution Bus connects to all output blocks
discussed in the next section. Therefore, a clock signal present on the Internal Clock Distribution bus can appear
on any or all of the device outputs. The CDCE62005 routes the PRI_IN and SEC_IN inputs directly to the Internal
Clock Distribution Bus. Additionally, it can divide these signals via the dividers present on the inputs and output
of the first stage of the Smart MUX.
Figure 5. CDCE62005 Input Block
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CDCE62005


Numéro de pièce similaire - CDCE62005_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZT TI1-CDCE62005RGZT Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
More results

Description similaire - CDCE62005_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com