Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJD105AD Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUJD105AD
Description  NPN power transistor with integrated diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUJD105AD Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUJD105AD Datasheet HTML 1Page - NXP Semiconductors BUJD105AD Datasheet HTML 2Page - NXP Semiconductors BUJD105AD Datasheet HTML 3Page - NXP Semiconductors BUJD105AD Datasheet HTML 4Page - NXP Semiconductors BUJD105AD Datasheet HTML 5Page - NXP Semiconductors BUJD105AD Datasheet HTML 6Page - NXP Semiconductors BUJD105AD Datasheet HTML 7Page - NXP Semiconductors BUJD105AD Datasheet HTML 8Page - NXP Semiconductors BUJD105AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BUJD105AD_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 8 May 2009
2 of 12
NXP Semiconductors
BUJD105AD
NPN power transistor with integrated diode
2.
Pinning information
[1]
It is not possible to make a connection to pin 2 of the SOT428 (DPAK) package.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1B
base
SOT428
(SC-63; DPAK)
2
C
collector
[1]
3
E
emitter
mb
C
mounting base; connected to
collector
3
2
mb
1
sym131
C
E
B
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUJD105AD
SC-63;
DPAK
plastic single-ended surface-mounted package (DPAK); 3 leads (one
lead cropped)
SOT428
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak
voltage
VBE =0V
-
700
V
VCBO
collector-base voltage
IE =0A
-
700
V
VCEO
collector-emitter
voltage
IB =0A
-
400
V
IC
collector current
-
8
A
ICM
peak collector current
see Figure 1; see Figure 2
-16
A
IB
base current
-4
A
IBM
peak base current
-
8
A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Figure 3
-80
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C


Numéro de pièce similaire - BUJD105AD

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
logo
NXP Semiconductors
BUJD105AD PHILIPS-BUJD105AD_15 Datasheet
195Kb / 13P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
More results

Description similaire - BUJD105AD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD103AD NXP-BUJD103AD Datasheet
294Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-6 October 2009
BUJD105AD PHILIPS-BUJD105AD_15 Datasheet
195Kb / 13P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX_15 Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
PHD13005 NXP-PHD13005 Datasheet
190Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com