Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA208X-1000C0 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BTA208X-1000C0
Description  High commutation three-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-1000C0 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BTA208X-1000C0 Datasheet HTML 1Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 2Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 3Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA208X-1000C0_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2009
3 of 12
NXP Semiconductors
BTA208X-1000C0
High commutation three-quadrant triacs
Fig 1.
RMS on-state current as a function of surge
duration; maximum values
Fig 2.
RMS on-state current as a function of heatsink
temperature; maximum values
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
0
5
10
15
20
25
surge duration (s)
10−2
10
1
10−1
003aaa970
IT(RMS)
(A)
Th (°C)
−50
150
100
050
003aaa969
4
6
2
8
10
IT(RMS)
0
73
°C
(A)
003aaa967
4
8
12
Ptot
0
IT(RMS) (A)
0
10
8
46
2
2
6
10
(W)
71
80
89
107
116
125
98
Th(max)
(
°C)
α = 180°
120
°
90
°
60
°
30
°
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α


Numéro de pièce similaire - BTA208X-1000C0

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

Description similaire - BTA208X-1000C0

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com