Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40304 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40304
Description  3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40304 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS40304 Datasheet HTML 7Page - Texas Instruments TPS40304 Datasheet HTML 8Page - Texas Instruments TPS40304 Datasheet HTML 9Page - Texas Instruments TPS40304 Datasheet HTML 10Page - Texas Instruments TPS40304 Datasheet HTML 11Page - Texas Instruments TPS40304 Datasheet HTML 12Page - Texas Instruments TPS40304 Datasheet HTML 13Page - Texas Instruments TPS40304 Datasheet HTML 14Page - Texas Instruments TPS40304 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SS
SS
SS
FB
I
C
t
V
æ
ö
=
´
ç
÷
è
ø
TPS40303, TPS40304, TPS40305
www.ti.com
SLUS964 – NOVEMBER 2009
Soft-Start Time
The soft-start time of the TPS4030x is user programmable by selecting a single capacitor. The EN/SS pin
sources 10 µA to charge this capacitor. The actual output ramp-up time is the amount of time that it takes for the
10 µA to charge the capacitor through a 600mV range. There is some initial lag due to calibration and an offset
(800 mV) from the actual EN/SS pin voltage to the voltage applied to the error amplifier.
The soft-start is done in a closed loop fashion, meaning that the error amplifier controls the output voltage at all
times during the soft start period and the feedback loop is never open as occurs in duty cycle limit soft-start
schemes. The error amplifier has two non-inverting inputs, one connected to the 600 mV reference voltage, and
the other connected to the offset EN/SS pin voltage. The lower of these two voltages is what the error amplifier
controls the FB pin to. As the voltage on the EN/SS pin ramps up past approximately 1.4 V (800 mV offset
voltage plus the 600 mV reference voltage), the 600 mV reference voltage becomes the dominant input and the
converter has reached its final regulation voltage.
The capacitor required for a given soft-start ramp time for the output voltage is given by Equation 1.
(1)
where
CSS is the required capacitance on the EN/SS pin (F)
ISS is the soft-start source current (10 µA)
VFB is the feedback reference voltage (0.6 V)
tSS is the desired soft-start ramp time (s)
Oscillator and Frequency Spread Spectrum (FSS)
The oscillator frequency is internally fixed. The TPS40303 operating frequency is 300 KHz, the TPS40304
operating frequency is 600 KHz and the TPS40305 operating frequency is 1.2 MHz.
Connecting a resistor with a value of 267 k
Ω ± 10% from BP to EN/SS enables the FSS feature. When enabled,
it spreads the internal oscillator frequency over a minimum 12% window using a 25-kHz modulation frequency
with triangular profile. By modulating the switching frequency, side-bands are created. The emission power of the
fundamental switching frequency and its harmonics is distributed into smaller pieces scattered around many
side-band frequencies. The effect significantly reduces the peak EMI noise and makes it much easier for the
resultant emission spectrum to pass EMI regulations.
Overcurrent Protection
Programmable OCP level at LDRV is from 6 mV to 150 mV at room temperature with 3000 ppm temperature
coefficient to help compensate for changes in the low side FET channel resistance as temperature increases.
With a scale factor of 2, the actual trip point across the low side FET is in the range of 12 mV to 300 mV. The
accuracy of the internal current source is ±5%. Overall offset voltage, including the offset voltage of the internal
comparator and the amplifier for scale factor of 2, is limited to ±8 mV.
Maximum clamp voltage at LDRV is 340 mV to avoid turning on the low side FET during calibration and in a
pre-biased condition. The maximum clamp voltage is fixed and it does not change with temperature. If the
voltage drop across ROCSET reaches the 340 mV maximum clamp voltage during calibration (No ROCSET resistor
included), it disables OC protection. Once disabled, there is no low side or high side current sensing.
OCP level at HDRV is fixed at 450 mV with 3000 ppm temperature coefficient to help compensate for changes in
the high side FET channel resistance as temperature increases. OCP at HDRV provides pulse-by-pulse current
limiting.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS40303 TPS40304 TPS40305


Numéro de pièce similaire - TPS40304

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304 TI-TPS40304 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304ADRCR TI-TPS40304ADRCR Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Description similaire - TPS40304

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400_1110 TI-TPS40400_1110 Datasheet
1Mb / 72P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com