Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2856QDWRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2856QDWRQ1
Description  IMPROVED CURRENT-MODE PWM CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2856QDWRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  UC2856QDWRQ1 Datasheet HTML 1Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 2Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 3Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 4Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 5Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 6Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 7Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 8Page - Texas Instruments UC2856QDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UC2856-Q1
www.ti.com ...................................................................................................................................................................................................... SLVS863 – JUNE 2008
ELECTRICAL CHARACTERISTICS (continued)
TA = –40°C to 125°C, VIN = 15 V, RT = 10 kΩ, CT = 1 nF, and TA = TJ (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Section
Collector-emitter voltage
40
V
Off-state bias current
VC = 40 V
250
A
IOUT = 20 mA
0.1
0.5
Output low level voltage
V
IOUT = 200 mA
0.5
2.6
IOUT = –20 mA
12.5
13.2
Output high level voltage
V
IOUT = –200 mA
12
13.1
Rise time
C1 = 1 nF
40
80
ns
Fall time
C1 = 1 nF
40
80
ns
UVLO low saturation
VIN = 0 V,
IOUT = 20 mA
0.8
1.5
V
PWM Section
Maximum duty cycle
45
47
50
%
Minimum duty cycle
0
%
Undervoltage Lockout Section
Startup threshold
7.7
8
V
Threshold hysteresis
0.7
V
Total Standby Current
Supply current
18
23
mA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC2856-Q1


Numéro de pièce similaire - UC2856QDWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2856QDWR TI-UC2856QDWR Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2856QDWRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
[Old version datasheet]   Improved Current-Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856-Q1 TI-UC2856-Q1_15 Datasheet
685Kb / 16P
[Old version datasheet]   IMPROVED CURRENT-MODE PWM CONTROLLER
UC1856 TI-UC1856 Datasheet
386Kb / 9P
[Old version datasheet]   Improved Current Mode PWM Controller
UC2856Q TI-UC2856Q Datasheet
260Kb / 12P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC2856Q TI-UC2856Q_15 Datasheet
685Kb / 15P
[Old version datasheet]   IMPROVED CURRENT MODE PWM CONTROLLER
UC3856N TI1-UC3856N Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
[Old version datasheet]   Improved Current Mode PWM Controller
UC1856-SP TI-UC1856-SP_15 Datasheet
454Kb / 23P
[Old version datasheet]   UC1856-SP Improved Current-Mode PWM Controller
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com