Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2552DRVT-1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2552DRVT-1
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2552DRVT-1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS2552DRVT-1 Datasheet HTML 5Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 6Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 7Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 8Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 9Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 10Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 11Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 12Page - Texas Instruments TPS2552DRVT-1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
2.30
T -JunctionTemperature-°C
J
-50
0
50
100
150
2.40
2.31
2.32
2.33
2.34
2.35
2.36
2.37
2.38
2.39
UVLORising
R
=20k
ILIM
W
UVLOFalling
0
0.40
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
T -JunctionTemperature-°C
J
-50
0
50
100
150
V
=2.5V
IN
V
=6.5V
IN
R
=20k
ILIM
W
0
150
15
30
45
60
75
90
105
120
135
T -JunctionTemperature-°C
J
-50
0
50
100
150
R
=20k
ILIM
W
V
=6.5V
IN
V
=5V
IN
V
=3.3V
IN
V
=2.5V
IN
0
PeakCurrent- A
0
1.5
3
4.5
6
20
2
4
6
8
10
12
14
16
18
V
=5V,
R
=20k ,
T =25°C
IN
ILIM
A
W
0
DBVPackage
25
50
75
100
125
150
DRVPackage
T -JunctionTemperature-°C
J
-50
0
50
100
150
TPS2552
TPS2553, TPS2552-1, TPS2553-1
www.ti.com...................................................................................................................................... SLVS841C – NOVEMBER 2008 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 16. Reverse-Voltage Protection Recovery
Figure 17. UVLO – Undervoltage Lockout – V
Figure 18. IIN – Supply Current, Output Disabled – µA
Figure 19. IIN – Supply Current, Output Enabled – µA
Figure 20. Current Limit Response –
µs
Figure 21. MOSFET rDS(on) Vs. Junction Temperature
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2552 TPS2553 TPS2552-1 TPS2553-1


Numéro de pièce similaire - TPS2552DRVT-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2552DRVT-1 TI-TPS2552DRVT-1 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRVT-1 TI-TPS2552DRVT-1 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552DRVT-1 TI1-TPS2552DRVT-1 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results

Description similaire - TPS2552DRVT-1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI1-TPS2552_17 Datasheet
1Mb / 38P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com