Moteur de recherche de fiches techniques de composants électroniques |
|
TPS22903YFPR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TPS22903YFPR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 16 page TPS22903 TPS22904 www.ti.com SLVS827C – FEBRUARY 2009 – REVISED APRIL 2010 ABSOLUTE MAXIMUM RATINGS (1) MIN MAX UNIT VIN Input voltage range –0.3 4 V VOUT Output voltage range VIN + 0.3 V VON Input voltage range –0.3 4 V PD Power dissipation at TA = 25°C 0.48 W IMAX Maximum continuous switch current 0.5 A TA Operating free-air temperature range –40 85 °C Tstg Storage temperature range –65 150 °C Tlead Maximum lead temperature (10-s soldering time) 300 °C Human-Body Model (HBM) 2000 ESD Electrostatic discharge protection V Charged Device Model (CDM) 1000 (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. THERMAL IMPEDANCE RATINGS TYP UNIT qJA Package thermal impedance(1) YFP package 205 °C/W (1) The package thermal impedance is calculated in accordance with JESD 51-7. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT VIN Input voltage range 1.1 3.6 V VOUT Output voltage range VIN V VIH High-level input voltage, ON 0.85 3.6 V VIL Low-level input voltage, ON 0.4 V CIN Input capacitor(1) 1 mF (1) See Application Information Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPS22903 TPS22904 |
Numéro de pièce similaire - TPS22903YFPR |
|
Description similaire - TPS22903YFPR |