Moteur de recherche de fiches techniques de composants électroniques |
|
TPIC9201 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TPIC9201 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com OUT1at 150mA OUT2at150mA OUT3at150mA OUT4at150mA OUT5at150mA OUT6at150mA OUT7at150mA OUT8at150mA GateDrive andControl Voltage Supervisor Comp Bandgap Ref V ref – + V ref GateControl forOutputs 1Through8 2k 12k 2k S R Q EN1 NCS SCLK MOSI 7–18V SYN R DELAY ZVS 5V OUT 5V 5k RST R DELAY ZVS OUT8 OUT8 OUT7 OUT7 OUT6 OUT6 OUT5 OUT5 OUT4 OUT4 OUT3 OUT3 OUT2 OUT2 OUT1 OUT1 Enable NCS SCLK MOSI V IN SYN 10k Serial Register Parallel Register Enables OUT1 GND GND 10V I const PMOS Optional,dependent onheat-management implementation (seeNote A) RST 20 (2W) W 100kW 100kW 100kW 100kW 6V 6V TPIC9201 MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER SLIS115D – APRIL 2005 – REVISED FEBRUARY 2008 FUNCTIONAL BLOCK DIAGRAM A. The resistor and Zener diode are required if there is insufficient thermal-management allocation. Copyright © 2005–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPIC9201 |
Numéro de pièce similaire - TPIC9201 |
|
Description similaire - TPIC9201 |