Moteur de recherche de fiches techniques de composants électroniques |
|
74AVCH4T245PWTE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
74AVCH4T245PWTE4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 22 page www.ti.com Operating Characteristics SN74AVCH4T245 4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES577D – JUNE 2004 – REVISED JUNE 2007 TA = 25°C VCCA = VCCA = VCCA = VCCA = VCCA = TEST VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V PARAMETER UNIT CONDITIONS TYP TYP TYP TYP TYP Outputs 1 1 1 1.5 2 enabled A to B Outputs 1 1 1 1 1 CL = 0, disabled CpdA (1) f = 10 MHz, pF Outputs tr = tf = 1 ns 12 12.5 13 14 15 enabled B to A Outputs 1 1 1 1 1 disabled Outputs 12 12.5 13 14 15 enabled A to B Outputs 1 1 1 1 1 CL = 0, disabled CpdB (1) f = 10 MHz, pF Outputs tr = tf = 1 ns 1 1 1 1 2 enabled B to A Outputs 1 1 1 1 1 disabled (1) Power dissipation capacitance per transceiver 9 Submit Documentation Feedback |
Numéro de pièce similaire - 74AVCH4T245PWTE4 |
|
Description similaire - 74AVCH4T245PWTE4 |