Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G04DCKRE4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74AUC2G04DCKRE4
Description  DUAL INVERTER GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G04DCKRE4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G04DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 9Page - Texas Instruments SN74AUC2G04DCKRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUC2G04DBVR
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04DBVRE4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04DBVRG4
ACTIVE
SOT-23
DBV
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04DCKR
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04DCKRE4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04DCKRG4
ACTIVE
SC70
DCK
6
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G04YZPR
ACTIVE
DSBGA
YZP
6
3000 Green (RoHS &
no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
22-Jul-2008
Addendum-Page 1


Numéro de pièce similaire - SN74AUC2G04DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G04DCKR TI-SN74AUC2G04DCKR Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results

Description similaire - SN74AUC2G04DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
   DUAL INVERTER GATE
logo
Texas Instruments
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Inverter Gate
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
[Old version datasheet]   DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com