Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G14 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74AUP1G14
Description  LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G14 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AUP1G14_10 Datasheet HTML 1Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 2Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 3Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 4Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 5Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 6Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 7Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 8Page - Texas Instruments SN74AUP1G14_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN74AUP1G14
www.ti.com
SCES578I – JUNE 2003 – REVISED MAY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DBV package
206
DCK package
252
DRL package
142
qJA
Package thermal impedance(3)
°C/W
DSF package
300
DRY package
234
YFP/YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65 V
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
mA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74AUP1G14


Numéro de pièce similaire - SN74AUP1G14_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
More results

Description similaire - SN74AUP1G14_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
SN74AUP1G14_017 TI1-SN74AUP1G14_017 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com