Moteur de recherche de fiches techniques de composants électroniques |
|
SM025C157MHN650 Fiches technique(PDF) 3 Page - AVX Corporation |
|
SM025C157MHN650 Fiches technique(HTML) 3 Page - AVX Corporation |
3 / 112 page 2 Application Specific MLCs Problem Solving at the Leading Edge As the world’s leading manufacturer and innovator in application specific multilayer ceramic (ASMLC) capacitors, AVX offers a unique technological and production capability to the field. AVX actively pursues and satisfies the high reliability and custom needs of a variety of governmental and industrial customers. Successful involvement in missile programs, extensive work in ultra-high reliability telecommunications and sophisticated capacitor design applications – all have established AVX as the source for advanced and high reliability ASMLC capacitors. Advanced Products are ISO9001 certified organizations for design and manufacturing of MLC capacitors. AVX Advanced Application Capacitors are organized around three distinct functions: • Application Specific Development Laboratories • Advanced Manufacturing Facilities • Quality Control International Space Station Defense / Military Telecommunications Undersea Cable Repeater For designs or applications not listed please consult Advanced Products. Olean, NY, USA - 716-372-6611 Coleraine, Northern Ireland - ++44(0) 28703 44188 St. Appollinaire, France - ++33(0) 38071 7400 |
Numéro de pièce similaire - SM025C157MHN650 |
|
Description similaire - SM025C157MHN650 |