Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33063ADG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce MC33063ADG4
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MC33063ADG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button MC33063ADG4 Datasheet HTML 5Page - Texas Instruments MC33063ADG4 Datasheet HTML 6Page - Texas Instruments MC33063ADG4 Datasheet HTML 7Page - Texas Instruments MC33063ADG4 Datasheet HTML 8Page - Texas Instruments MC33063ADG4 Datasheet HTML 9Page - Texas Instruments MC33063ADG4 Datasheet HTML 10Page - Texas Instruments MC33063ADG4 Datasheet HTML 11Page - Texas Instruments MC33063ADG4 Datasheet HTML 12Page - Texas Instruments MC33063ADG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Q
S
R
CT
Ipk
Q2
Q1
2
1
Oscillator
_
+
1.25-V
Reference
Regulator
4
5
3
8
7
6
RSC
0.24
953
R1
CO
1N5819
1500 pF
R2
8.2 k
100
µF
+
VCC
VOUT
−12 V/100 mA
1.0
µH
100
µF
Optional Filter
VIN
4.5 V to 6.0 V
+
+
1000
µF
+
L
88
µH
Comparator
V
OUT + *1.25 (1 )
R2
R1
)
V
IN
V
OUT
V
IN
V
OUT
8
7
6
4
3
2
1
8
7
6
4
3
2
1
5
5
a) External NPN Switch
b) External PNP Saturated Switch
MC33063A
MC34063A
www.ti.com
SLLS636L – DECEMBER 2004 – REVISED DECEMBER 2009
Figure 10. Voltage-Inverting Converter
TEST
CONDITIONS
RESULTS
Line regulation
VIN = 4.5 V to 6 V, IO = 100 mA
3 mV ± 0.12%
Load regulation
VIN = 5 V, IO = 10 mA to 100 mA
0.022 V ± 0.09%
Output ripple
VIN = 5 V, IO = 100 mA
500 mVPP
Short-circuit current
VIN = 5 V, RL = 0.1 Ω
910 mA
Efficiency
VIN = 5 V, IO = 100 mA
62.2%
Output ripple with optional filter
VIN = 5 V, IO = 100 mA
70 mVPP
Figure 11. External Current-Boost Connections for IC Peak Greater Than 1.5 A
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): MC33063A MC34063A


Numéro de pièce similaire - MC33063ADG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063ADG4 TI1-MC33063ADG4 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Description similaire - MC33063ADG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com