Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7626 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7626 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7626_10 Datasheet HTML 3Page - Analog Devices AD7626_10 Datasheet HTML 4Page - Analog Devices AD7626_10 Datasheet HTML 5Page - Analog Devices AD7626_10 Datasheet HTML 6Page - Analog Devices AD7626_10 Datasheet HTML 7Page - Analog Devices AD7626_10 Datasheet HTML 8Page - Analog Devices AD7626_10 Datasheet HTML 9Page - Analog Devices AD7626_10 Datasheet HTML 10Page - Analog Devices AD7626_10 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7626
Rev. A | Page 7 of
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Analog Inputs/Outputs
IN+, IN− to GND1
−0.3 V to REF + 0.3 V or
±130 mA
REF2 to GND
−0.3 V to +6 V
VCM, CAP2 to GND
−0.3 V to +6 V
CAP1, REFIN to GND
−0.3 V to +2.7 V
Supply Voltage
VDD1
−0.3 V to +6 V
VDD2, VIO
−0.3 V to +3 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Input Current to Any Pin Except
Supplies3
±10 mA
Operating Temperature Range
(Commercial)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD
1 kV
1 See the Analog Inputs section.
2 Keep CNV± low for any external REF voltage > 4.3 V applied to the REF pin.
3 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
32-Lead LFCSP_VQ
40
4
°C/W
ESD CAUTION


Numéro de pièce similaire - AD7626_10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
More results

Description similaire - AD7626_10

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com