Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD00HA5EFJ-E2 Fiches technique(PDF) 2 Page - Rohm

No de pièce BD00HA5EFJ-E2
Description  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD00HA5EFJ-E2 Fiches technique(HTML) 2 Page - Rohm

  BD00HA5EFJ-E2 Datasheet HTML 1Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 2Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 3Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 4Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 5Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 6Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 7Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 8Page - Rohm BD00HA5EFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GA3WEFJ
Technical Note
2/11
Absolute Maximum Ratings (Ta=25℃)
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
Operating conditions (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
Vcc
4.5
14.0
V
EN voltage
VEN
0.0
14.0
V
Output voltage setting range
Vo
1.5
13.0
V
Output current
Io
0.0
0.3
A
This product should not be used in a radioactive environment.
Electrical Characteristics
(Unless otherwise noted, Ta=25℃, EN=3V, Vcc=6V, R1=43kΩ, R2=8.2kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
Isd
-
0
5
μ
A
EN=0V, OFF mode
Bias current
Icc
-
600
900
μ
A
Line regulation
Reg.I
-
25
50
mV
Vcc=( Vo+0.9V )→14.0V
Load regulation
Reg Io
-
25
75
mV
Io=0→0.3A
Minimun dropout Voltage
Vco
-
0.6
0.9
V
Vcc=5V,Io=0.3A
Output reference voltage
VFB
0.792
0.800
0.808
V
Io=0mA
EN Low voltage
VEN (Low)
0
-
0.8
V
EN High voltage
VEN (High)
2.4
-
14.0
V
EN Bias current
IEN
1
3
9
μ
A
I/O Equivalent circuits
Parameter
Symbol
Limits
Unit
Power supply voltage
Vcc
15.0 *
1
V
EN voltage
VEN
15.0
V
Output voltage
VOUT
15.0
V
Feedback voltage
VFB
15.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-25~+85
Storage Temperature Range
Tstg
-55~+150
Junction Temperature
Tjmax
+150
8pin(VCC) / 1pin(VO)
2pin(FB)
5pin(EN)
Vcc
5pin(EN)
2pin(FB)
Vcc
8pin(Vcc)
1pin(Vo)


Numéro de pièce similaire - BD00HA5EFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00HA5EFJ-E2 ROHM-BD00HA5EFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5EFJ-E2 ROHM-BD00HA5EFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5EFJ-E2 ROHM-BD00HA5EFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5EFJ-E2 ROHM-BD00HA5EFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5EFJ-E2 ROHM-BD00HA5EFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Description similaire - BD00HA5EFJ-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com