Moteur de recherche de fiches techniques de composants électroniques |
|
SA15CA Fiches technique(PDF) 1 Page - Littelfuse |
|
SA15CA Fiches technique(HTML) 1 Page - Littelfuse |
1 / 5 page 71 ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Transient Voltage Suppression Diodes Revision: January 09, 2009 Axial Leaded – 500W > SA series SA Series Please refer to http://www.Littelfuse.com/series/SA.html for current information. The SA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Description SA Series TVS devices are ideal for the protection of I/O interfaces, V CC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. Applications Features Parameter Symbol Value Unit Peak Pulse Power Dissipation by 10x1000μs test waveform (Fig.1) (Note 1) P PPM 500 W Steady State Power Dissipation on infinite heat sink at T L=75ºC (Fig. 5) P D 3.0 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional only (Note 2) I FSM 70 A Maximum Instantaneous Forward Voltage at 35A for Unidirectional only (Note 3) V F 3.5/5.0 V Operating Junction and Storage Temperature Range T J, TSTG -55 to 175 °C Typical Thermal Resistance Junction to Lead R uJL 20 °C/W Typical Thermal Resistance Junction to Ambient R uJA 75 °C/W Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above T A = 25 O C per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. 3. V F<3.5V for devices of VBR _ < 200V and V F<5.0V for devices of VBR _ > 201V. Maximum Ratings and Thermal Characteristics (T A=25 O C unless otherwise noted) Agency Approvals temperature coefficient ΔV BR = 0.1% x VBR@25°C x ΔT junction in DO-15 Package capability at 10×1000μs waveform, repetition rate (duty cycles):0.01% typically less than 1.0ps from 0 Volts to BV min capability resistance R less than 1μA above 13V soldering guaranteed: 260°C/40 seconds / 0.375”,(9.5mm) lead length, 5 lbs., (2.3kg) tension Underwriters Laboratory Flammability classification 94V-O AGENCY AGENCY FILE NUMBER E128662/E230531 RoHS |
Numéro de pièce similaire - SA15CA |
|
Description similaire - SA15CA |