Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856A Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BC856A
Description  PNP general purpose transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856A Fiches technique(HTML) 1 Page - NXP Semiconductors

  BC856A Datasheet HTML 1Page - NXP Semiconductors BC856A Datasheet HTML 2Page - NXP Semiconductors BC856A Datasheet HTML 3Page - NXP Semiconductors BC856A Datasheet HTML 4Page - NXP Semiconductors BC856A Datasheet HTML 5Page - NXP Semiconductors BC856A Datasheet HTML 6Page - NXP Semiconductors BC856A Datasheet HTML 7Page - NXP Semiconductors BC856A Datasheet HTML 8Page - NXP Semiconductors BC856A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Apr 09
2004 Jan 16
DISCRETE SEMICONDUCTORS
BC856; BC857; BC858
PNP general purpose transistors


Numéro de pièce similaire - BC856A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
201Kb / 3P
   PNP Small Signal Transistor 310mW
More results

Description similaire - BC856A

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com