Moteur de recherche de fiches techniques de composants électroniques |
|
CS5530-ISZ Fiches technique(PDF) 9 Page - Cirrus Logic |
|
CS5530-ISZ Fiches technique(HTML) 9 Page - Cirrus Logic |
9 / 36 page CS5530 DS742F3 9 SWITCHING CHARACTERISTICS (VA+ = 2.5 V or 5 V ±5%; VA- = -2.5V±5% or 0 V; VD+ = 3.0 V ±10% or 5 V ±5%;DGND = 0 V; Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF; See Figures 1 and 2.) Notes: 21. Device parameters are specified with a 4.9152 MHz clock. 22. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF. 23. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source. Parameter Symbol Min Typ Max Unit Master Clock Frequency (Note 21) External Clock or Crystal Oscillator MCLK 1 4.9152 5 MHz Master Clock Duty Cycle 40 - 60 % Rise Times (Note 22) Any Digital Input Except SCLK SCLK Any Digital Output trise - - - - - 50 1.0 100 - µs µs ns Fall Times (Note 22) Any Digital Input Except SCLK SCLK Any Digital Output tfall - - - - - 50 1.0 100 - µs µs ns Start-up Oscillator Start-up Time XTAL = 4.9152 MHz (Note 23) tost -20- ms Serial Port Timing Serial Clock Frequency SCLK 0 - 2 MHz Serial Clock Pulse Width High Pulse Width Low t1 t2 250 250 - - - - ns ns SDI Write Timing CS Enable to Valid Latch Clock t3 50 - - ns Data Set-up Time prior to SCLK rising t4 50 - - ns Data Hold Time After SCLK Rising t5 100 - - ns SCLK Falling Prior to CS Disable t6 100 - - ns SDO Read Timing CS to Data Valid t7 -- 150 ns SCLK Falling to New Data Bit t8 -- 150 ns CS Rising to SDO Hi-Z t9 -- 150 ns |
Numéro de pièce similaire - CS5530-ISZ |
|
Description similaire - CS5530-ISZ |