Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5461_0408 Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS5461_0408
Description  Single Phase Bi-Directional Power/Energy IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461_0408 Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS5461_0408 Datasheet HTML 5Page - Cirrus Logic CS5461_0408 Datasheet HTML 6Page - Cirrus Logic CS5461_0408 Datasheet HTML 7Page - Cirrus Logic CS5461_0408 Datasheet HTML 8Page - Cirrus Logic CS5461_0408 Datasheet HTML 9Page - Cirrus Logic CS5461_0408 Datasheet HTML 10Page - Cirrus Logic CS5461_0408 Datasheet HTML 11Page - Cirrus Logic CS5461_0408 Datasheet HTML 12Page - Cirrus Logic CS5461_0408 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CS5461
DS546F2
9
ANALOG CHARACTERISTICS (Continued)
Notes: 3. The minimum FSCR is limited by the maximum allowed gain register value.
Parameter
Symbol
Min
Typ
Max
Unit
Analog Inputs (Voltage Channel)
Differential Input Voltage Range
{(VIN+) - (VIN-)}
VIN
0
-
500
mVP-P
Total Harmonic Distortion
THD
65
-
-
dB
Common Mode + Signal
All Gain Ranges
-0.25
-
VA+
V
Crosstalk with Current Channel at Full Scale (50, 60 Hz)
-
-
-70
dB
Input Capacitance
All Gain Ranges
IC
-
0.2
-
pF
Effective Input Impedance
(Note 2)
EII
5
-
-
M
Noise (Referred to Input)
NV
--
150
µVrms
Accuracy (Voltage Channel)
Bipolar Offset Error
(Note 1)
VOS
-
-
±0.01
%F.S.
Full-Scale Error
(Note 1)
FSE
-
-
±0.01
%F.S.
Dynamic Characteristics
Phase Compensation Range
(Voltage Channel, 60 Hz)
-2.8
-
+2.8
°
High Rate Filter Output Word Rate
(Both Channels)
OWR
-
DCLK/1024
-
Hz
Input Sampling Rate
DCLK = MCLK/K
-
DCLK/8
-
Hz
Full Scale DC Calibration Range
(Note 3)
FSCR
25
-
100
%F.S.
Channel-to-Channel Time-Shift Error
(when PC[6:0] bits are set to “0000000”)
1.0
µs
High Pass Filter Pole Frequency
-3 dB
-
0.5
-
Hz


Numéro de pièce similaire - CS5461_0408

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5461-IS CIRRUS-CS5461-IS Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461A-IS CIRRUS-CS5461A-IS Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5461A-IS CIRRUS-CS5461A-IS Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
More results

Description similaire - CS5461_0408

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
   Single Phase Bi-Directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
   Single Phase Bi-Directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
   Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
   Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A Datasheet
757Kb / 41P
   Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
   Single Phase, Bi-directional Power/Energy IC
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
   Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com