Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5374_0910 Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS5374_0910
Description  Dual High-performance Amplifier & ?誇 Modulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374_0910 Fiches technique(HTML) 1 Page - Cirrus Logic

  CS5374_0910 Datasheet HTML 1Page - Cirrus Logic CS5374_0910 Datasheet HTML 2Page - Cirrus Logic CS5374_0910 Datasheet HTML 3Page - Cirrus Logic CS5374_0910 Datasheet HTML 4Page - Cirrus Logic CS5374_0910 Datasheet HTML 5Page - Cirrus Logic CS5374_0910 Datasheet HTML 6Page - Cirrus Logic CS5374_0910 Datasheet HTML 7Page - Cirrus Logic CS5374_0910 Datasheet HTML 8Page - Cirrus Logic CS5374_0910 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
Dual High-performance Amplifier &
ΔΣ Modulator
Features
High Input Impedance Differential Amplifier
• Ultra-low input bias: < 1 pA
• Max signal amplitude: 5 Vpp differential
Fourth Order Delta-Sigma (
ΔΣ) Modulator
• Signal Bandwidth: DC to 2 kHz
• Common mode rejection: 110 dB CMRR
Differential Analog Input, Digital
ΔΣ Output
• Multiplexed inputs: INA, INB, 800
Ω termination
• Selectable Gain: 1x, 2x, 4x, 8x, 16x, 32x, 64x
Excellent Amplifier Noise Performance
•1.5
μVpp between 0.1 Hz and 10 Hz
• 11 nV /
Hz from 200 Hz to 2 kHz
High Modulator Dynamic Range
• 126 dB SNR @ 215 Hz BW (2 ms sampling)
• 123 dB SNR @ 430 Hz BW (1 ms sampling)
Low Total Harmonic Distortion
• –118 dB THD typical (0.000126%)
• –108 dB THD maximum (0.0004%)
Low Power Consumption
• Normal operation: 6.5 mA per channel
• Power down: 15
μA per channel max
Dual Power Supply Configuration
• VA+ = +2.5 V; VA– = –2.5 V; VD = +3.3 V
Description
The CS5374 combines two marine seismic analog mea-
surement channels into one 7 mm x 7 mm QFN
package. Each measurement channel consists of a high
input impedance programmable gain differential amplifi-
er that buffers analog signals into a high-performance,
fourth-order
ΔΣ modulator. The low-noise ΔΣ modulator
converts the analog signal into a one-bit serial bit stream
suitable for the CS5376A digital filter.
Each amplifier has two sets of external inputs, INA and
INB, to simplify system design as inputs from a hydro-
phone sensor or the CS4373A test DAC. An internal
800
Ω termination can also be selected for noise tests.
Gain settings are binary weighted (1x, 2x, 4x, 8x, 16x,
32x, 64x) and match the CS4373A test DAC output at-
tenuation settings for full-scale testing at all gain ranges.
Both the input multiplexer and gain are set by registers
accessed through a standard SPI™ port.
Each fourth-order
ΔΣ modulator has very high dynamic
range combined with low total harmonic distortion and
low power consumption. It converts differential analog
signals from the amplifier to an oversampled
ΔΣ serial bit
stream which is decimated by the CS5376A digital filter
to a 24-bit output at the final output word rate.
ORDERING INFORMATION
See page 43.
INA1+
INB1+
MUX1
MUX2
INB1-
INA1-
GUARD1
+
-
-
+
INA2+
INB2+
INB2-
INA2-
+
-
-
+
Reset, Clock,
and
Synchronization
INR1-
VA+
MFLAG1
MCLK
MSYNC
MFLAG2
MDATA2
GUARD2
INR2-
INR2+
4th Order
Modulator
4th Order
Modulator
INF1- INF1+INR1+
RST
SPITM Serial
Interface
SDI
SDO
SCLK
CS
INF2+
INF2-
OUT2-
OUT2+
OUT1+ OUT1-
CS5374
VA-
GND
VD
VREF-
VREF+
VA+
VA-
MDATA1
OCT '09
DS862F1
CS5374


Numéro de pièce similaire - CS5374_0910

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5374-CNZ CIRRUS-CS5374-CNZ Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
More results

Description similaire - CS5374_0910

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
   Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7560 AVAGO-HCPL-7560 Datasheet
379Kb / 18P
   Optically Isolated Sigma-Delta (誇-?) Modulator
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
UPC4560 NEC-UPC4560 Datasheet
286Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com