Moteur de recherche de fiches techniques de composants électroniques |
|
BC847BS Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
BC847BS Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 12 page BC847BS_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 18 February 2009 2 of 12 NXP Semiconductors BC847BS 45 V, 100 mA NPN/NPN general-purpose transistor 2. Pinning information 3. Ordering information 4. Marking [1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China Table 2. Pinning Pin Description Simplified outline Graphic symbol 1 emitter TR1 2 base TR1 3 collector TR2 4 emitter TR2 5 base TR2 6 collector TR1 13 2 4 5 6 sym020 2 1 3 5 6 TR1 TR2 4 Table 3. Ordering information Type number Package Name Description Version BC847BS SC-88 plastic surface-mounted package; 6 leads SOT363 Table 4. Marking codes Type number Marking code[1] BC847BS 1F* |
Numéro de pièce similaire - BC847BS |
|
Description similaire - BC847BS |