Moteur de recherche de fiches techniques de composants électroniques |
|
CS493254 Fiches technique(PDF) 1 Page - Cirrus Logic |
|
CS493254 Fiches technique(HTML) 1 Page - Cirrus Logic |
1 / 90 page Copyright © Cirrus Logic, Inc. 2006 (All Rights Reserved) http://www.cirrus.com CS49300 Family DSP Multi-Standard Audio Decoder Family Features CS4930X: DVD Audio Sub-family — PES Layer decode for A/V sync — DVD Audio Pack Layer Support — Meridian Lossless Packing Specification (MLP)™ — Dolby Digital™, Dolby Pro Logic II™ — MPEG-2, Advanced Audio Coding Algorithm (AAC) — MPEG Multichannel — DTS Digital Surround™, DTS-ES Extended Surround™ CS4931X: Broadcast Sub-family — PES Layer decode for A/V sync — Dolby Digital — MPEG-2, Advanced Audio Coding Algorithm (AAC) — MPEG-1 (Layers 1, 2, 3) Stereo — MPEG-2 (Layers 2, 3) Stereo CS4932X: AVR Sub-family — Dolby Digital, Dolby Pro Logic II — DTS & DTS-ES decoding with integrated DTS tables — Cirrus Original Surround 5.1 PCM Enhancement — MPEG-2, Advanced Audio Coding Algorithm (AAC) — MPEG Multichannel — MP3 (MPEG-1, Layer 3) CS49330: General Purpose Audio DSP —THX® Surround EX™ and THX® Ultra2 Cinema — General Purpose AVR and Broadcast Audio Decoder (MPEG Multichannel, MPEG Stereo, MP3, C.O.S.) — Car Audio Features are a super-set of the CS4923/4/5/6/7/8/9 — 8 channel output, including dual zone output capability — Dynamic Channel Remapability — Supports up to 192 kHz Fs @ 24-bit throughput — Increased memory/MIPs — SRAM Interface for increased delay and buffer capability — Dual-Precision Bass Manager — Enhance your system functionality via firmware upgrades through the Crystal WareTM Software Licensing Program Description The CS493XX is a family of multichannel audio decoders intended to supersede the CS4923/4/5/6/7/8/9 family as the leader of audio decoding in both the DVD, broadcast and receiver markets. The family will be split into parts tailored for each of these distinct market segments. For the DVD market, parts will be offered which support Meridian Lossless Packing (MLP), Dolby Digital, Dolby Pro Logic II, MPEG Multichannel, DTS Digital Surround, DTS-ES, AAC, and subsets thereof. For the receiver market, parts will be offered which support Dolby Digital, Dolby Pro Logic II, MPEG Multichannel, DTS Digital Surround, DTS-ES, AAC, and various virtualizers and PCM enhancement algorithms such as HDCD®, DTS Neo:6TM, LOGIC7®, and SRS Circle Surround II®. For the broadcast market, parts will be offered which support Dolby Digital, AAC, MPEG-1, Layers 1,2 and 3, MPEG-2, Layers 2 and 3. Under the Crystal brand, Cirrus Logic is the only single supplier of high-performance 24-bit multi-standard audio DSP decoders, DSP firmware, and high-resolution data converters. This combination of DSPs, system firmware, and data converters simplify rapid creation of world-class high-fidelity digital audio products for the Internet age. Ordering Information: See page 87 APPLICATION CORE DECODER FUNCTIONALITY CS49300 DVD Audio MLP, AC-3, AAC, DTS, MPEG 5.1, MP3, etc. CS49310 Broadcast AAC, AC-3, MPEG Stereo, MP3, etc. CS49311 Broadcast AAC, MPEG Stereo, MP3, etc. CS49312 Broadcast AC-3, MPEG Stereo, MP3, etc. CS49325 AVR AC-3, COS, MPEG 5.1, MP3, etc. CS49326 AVR AC-3, DTS, COS, MPEG 5.1, MP3, etc. CS49329 AVR AC-3, AAC, DTS, MPEG 5.1, MP3, etc. CS49330 Car Audio DSP Car Audio Code CS49330 General Purpose MPEG 5.1, MPEG Stereo, MP3, C.O.S., etc CS49330 Post-Processor DPP, THX Surround EX, THX Ultra2 Cinema DATA7:0, CS Parallel or Serial Host Interface CMPCLK, Compressed PLL FILT1 VA Framer DD DC MCLK SCLK LRCLK AUDATA[2.0] XMT958/AUDATA3 CMPDAT, SCLKN2 CMPREQ, LRCLKN2 SCLKN1, STCCLK2 LRCLKN1 SDATAN1 Data Input Interface Digital Audio Input Interface FILT2 AGND Clock Manager CLKIN CLKSEL Shifter Input Buffer Controller RAM Input Buffer DGND[3:1] VD[3:1] 24-Bit DSP Processing RAM Program Memory RAM Data Memory ROM Program Memory ROM Data Memory STC EMAD7:0, GPIO7:0 R/ W, EMOE, GPIO11 RD, DS, EMWR, GPIO10 WR, SCDOUT, PSEL, GPIO9 SCDIO, A0, SCCLK A1, SCDIN ABOOT, INTREQ EXTMEM, GPIO8 Output Formatter RAM Buffer Output RESET SDATAN2 APR ‘06 DS339F7 |
Numéro de pièce similaire - CS493254 |
|
Description similaire - CS493254 |