Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4202-JQZ Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CS4202-JQZ
Description  Audio Codec ??7 with Headphone Amplifier
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202-JQZ Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CS4202-JQZ Datasheet HTML 5Page - Cirrus Logic CS4202-JQZ Datasheet HTML 6Page - Cirrus Logic CS4202-JQZ Datasheet HTML 7Page - Cirrus Logic CS4202-JQZ Datasheet HTML 8Page - Cirrus Logic CS4202-JQZ Datasheet HTML 9Page - Cirrus Logic CS4202-JQZ Datasheet HTML 10Page - Cirrus Logic CS4202-JQZ Datasheet HTML 11Page - Cirrus Logic CS4202-JQZ Datasheet HTML 12Page - Cirrus Logic CS4202-JQZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
CS4202
DS549PP2
9
AC ’97 SERIAL PORT TIMING Standard test conditions unless otherwise noted: T
ambient = 25° C,
AVdd = 5.0 V, DVdd = 3.3 V; CL = 55 pF load.
Parameter
Symbol
Min
Typ
Max
Unit
RESET Timing
RESET# active low pulse width
Trst_low
1.0
-
-
µs
RESET# inactive to BIT_CLK start-up delay
(XTL mode)
(OSC mode)
(PLL mode)
Trst2clk
-
-
-
4.0
4.0
2.5
-
-
-
µs
µs
ms
1st SYNC active to CODEC READY ‘set’
Tsync2crd
-62.5-
µs
Vdd stable to RESET# inactive
Tvdd2rst#
100
-
-
µs
Clocks
BIT_CLK frequency
Fclk
-
12.288
-
MHz
BIT_CLK period
Tclk_period
-
81.4
-
ns
BIT_CLK output jitter (depends on XTL_IN source)
-
-
750
ps
BIT_CLK high pulse width
Tclk_high
36
40.7
45
ns
BIT_CLK low pulse width
Tclk_low
36
40.7
45
ns
SYNC frequency
Fsync
-
48
-
kHz
SYNC period
Tsync_period
-20.8-
µs
SYNC high pulse width
Tsync_high
-1.3
-
µs
SYNC low pulse width
Tsync_low
-19.5-
µs
Data Setup and Hold
Output propagation delay from rising edge of BIT_CLK
Tco
810
12
ns
Input setup time from falling edge of BIT_CLK
Tisetup
10
-
-
ns
Input hold time from falling edge of BIT_CLK
Tihold
0-
-
ns
Input signal rise time
Tirise
2-
6
ns
Input signal fall time
Tifall
2-
6
ns
Output signal rise time
(Note 4)
Torise
246
ns
Output signal fall time
(Note 4)
Tofall
246
ns
Misc. Timing Parameters
End of Slot 2 to BIT_CLK, SDATA_IN low (PR4)
Ts2_pdown
-
0.285
1.0
µs
SYNC pulse width (PR4) Warm Reset
Tsync_pr4
1.0
-
-
µs
SYNC inactive (PR4) to BIT_CLK start-up delay
Tsync2clk
162.8
285
-
ns
Setup to trailing edge of RESET# (ATE test mode) (Note 4)
Tsetup2rst
15
-
-
ns
Rising edge of RESET# to Hi-Z delay
(Note 4)
Toff
-
-
25
ns


Numéro de pièce similaire - CS4202-JQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4202-JQ CIRRUS-CS4202-JQ Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
More results

Description similaire - CS4202-JQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Texas Instruments
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com