Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3310-KSZ Fiches technique(PDF) 10 Page - Cirrus Logic

No de pièce CS3310-KSZ
Description  Stereo Digital Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310-KSZ Fiches technique(HTML) 10 Page - Cirrus Logic

Back Button CS3310-KSZ Datasheet HTML 6Page - Cirrus Logic CS3310-KSZ Datasheet HTML 7Page - Cirrus Logic CS3310-KSZ Datasheet HTML 8Page - Cirrus Logic CS3310-KSZ Datasheet HTML 9Page - Cirrus Logic CS3310-KSZ Datasheet HTML 10Page - Cirrus Logic CS3310-KSZ Datasheet HTML 11Page - Cirrus Logic CS3310-KSZ Datasheet HTML 12Page - Cirrus Logic CS3310-KSZ Datasheet HTML 13Page - Cirrus Logic CS3310-KSZ Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CS3310
10
DS82F1
PCB Layout, Grounding and Power Supply Decoupling
As with any high performance device which contains both analog and digital circuitry, careful at-
tention to power supply and grounding arrangements must be observed to optimize performance.
Figure 2 shows the recommended power arrangements with VA+ connected to a clean +5 volt
supply and VA- connected to a clean -5 volt supply. VD+ powers the digital interface circuitry and
should be powered from VA+, as shown in Figure 2, to avoid potentially destructive SCR latch-
up. Decoupling capacitors should be located as near to the CS3310 as possible, see Figure 5.
Figure 5. Recommended 2-Layer PCB Layout
The printed circuit board layout should have separate analog and digital regions with individual
ground planes. The CS3310 should reside in the analog region as shown in Figure 5. Care
should be taken to ensure that there is minimal resistance in the analog ground leads to the de-
vice to prevent any change in the defined attenuation settings. Extensive use of ground plane fill
on both the analog and digital sections of the circuit board will yield large reductions in radiated
noise effects.
Performance Plots
Figure 8 displays the CS3310 frequency response with a 3.75 Vp output.
Figure 9 shows the frequency response with a 0.375 Vp output.
Figure 6 is the Total Harmonic Distortion + Noise vs. amplitude at 1 kHz. The upper trace is the
THD+N vs. amplitude of the CS3310 The lower trace is the THD+N of the Audio Precision Sys-
tem One generator output connected directly to the analyzer input. The System One panel set-
tings are identical to the previous test. This indicates that the THD+N contribution of the Audio
Precision actually degrades the measured performance of the CS3310 below 2.7 Vrms signal
levels.
Analog Ground Plane
10
10
µ F
VA+
+
VA-
10
µ F
+
0.1
µ F
0.1
µ F
0.1
µ F
10
µ F
+


Numéro de pièce similaire - CS3310-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
More results

Description similaire - CS3310-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
   Stereo Digital Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
   Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
   Stereo Digital Volume Control
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
   Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com