Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3310-KSZ Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS3310-KSZ
Description  Stereo Digital Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310-KSZ Fiches technique(HTML) 1 Page - Cirrus Logic

  CS3310-KSZ Datasheet HTML 1Page - Cirrus Logic CS3310-KSZ Datasheet HTML 2Page - Cirrus Logic CS3310-KSZ Datasheet HTML 3Page - Cirrus Logic CS3310-KSZ Datasheet HTML 4Page - Cirrus Logic CS3310-KSZ Datasheet HTML 5Page - Cirrus Logic CS3310-KSZ Datasheet HTML 6Page - Cirrus Logic CS3310-KSZ Datasheet HTML 7Page - Cirrus Logic CS3310-KSZ Datasheet HTML 8Page - Cirrus Logic CS3310-KSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS3310
Stereo Digital Volume Control
Features
Complete Digital Volume Control
— 2 Independent Channels
— Serial Control
— 0.5 dB Step Size
Wide Adjustable Range
— -95.5 dB Attenuation
— +31.5 dB Gain
Low Distortion & Noise
— 0.001% THD+N
— 116 dB Dynamic Range
Noise Free Level Transitions
Channel-to-Channel Crosstalk Better Than
110 dB
Description
The CS3310 is a complete stereo digital volume control
designed specifically for audio systems. It features a 16-
bit serial interface that controls two independent, low-
distortion audio channels.
The CS3310 includes an array of well-matched resistors
and a low noise active output stage that is capable of
driving a 600
Ω load. A total adjustable range of 127 dB,
in 0.5 dB steps, is achieved through 95.5 dB of attenua-
tion and 31.5 dB of gain.
The simple 3-wire interface provides daisy-chaining of
multiple CS3310's for multi-channel audio systems.
The device operates from ±5 V supplies and has an in-
put/output voltage range of ±3.75 V.
ORDERING INFORMATION
CS3310-KS
0° to 70° C
16-pin Plastic SOIC
CS3310-KSZ, Lead Free
0° to 70° C
16-pin Plastic SOIC
AINL
AGNDL
MUX
AINR
AGNDR
MUX
16
15
10
9
8
8
+
-
+
-
Control
Register
Serial to
Parallel
Register
16
8
8
AOUTL
14
MUTE
8
1
2
ZCEN
CS
3
SDATAI
7
SDATAO
6
SCLK
AOUTR
11
DGND
5
VD+
4
VA-
13
VA+
12
SEPTEMBER '05
DS82F1


Numéro de pièce similaire - CS3310-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
More results

Description similaire - CS3310-KSZ

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
   Stereo Digital Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
   Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
   Stereo Digital Volume Control
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
   Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com