Moteur de recherche de fiches techniques de composants électroniques |
|
TMP320C6726BRFPA266 Fiches technique(PDF) 9 Page - Texas Instruments |
|
TMP320C6726BRFPA266 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 118 page 2.3 CPU Interrupt Assignments TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 Table 2-2. New Floating-Point Instructions for C67x+ CPU FLOATING-POINT INSTRUCTION IMPROVES OPERATION(1) MPYSPDP SP x DP → DP Faster than MPYDP. Improves high Q biquads (bass management) and FFT. MPYSP2DP SP x SP → DP Faster than MPYDP. Improves Long FIRs (EQ). ADDSP (new to CPU “S” Unit) SP + SP → SP ADDDP (new to CPU “S” Unit) DP + DP → DP Now up to four floating-point add and subtract operations in parallel. Improves FFT performance and symmetric FIR. SUBSP (new to CPU “S” Unit) SP – SP → SP SUBDP (new to CPU “S” Unit) DP – DP → DP (1) SP means IEEE Single-Precision (32-bit) operations and DP means IEEE Double-Precision (64-bit) operations. Finally, two new registers, which are dedicated to communication with the dMAX unit, have been added to the C67x+ CPU. These registers are the dMAX Event Trigger Register (DETR) and the dMAX Event Status Register (DESR). They allow the CPU and dMAX to communicate without requiring any accesses to the memory system. Table 2-3 lists the interrupt channel assignments on the C672x device. If more than one source is listed, the interrupt channel is shared and an interrupt on this channel could have come from any of the enabled peripherals on that channel. The dMAX peripheral has two CPU interrupts dedicated to reporting FIFO status (INT7) and transfer completion (INT8). In addition, the dMAX can generate interrupts to the CPU on lines INT9–13 and INT15 in response to peripheral events. To enable this functionality, the associated Event Entry within the dMAX can be programmed so that a CPU interrupt is generated when the peripheral event is received. Table 2-3. CPU Interrupt Assignments CPU INTERRUPT INTERRUPT SOURCE INT0 RESET INT1 NMI (From dMAX or EMIF Interrupt) INT2 Reserved INT3 Reserved INT4 RTI Interrupt 0 INT5 RTI Interrupts 1, 2, 3, and RTI Overflow Interrupts 0 and 1. INT6 UHPI CPU Interrupt (from External Host MCU) INT7 FIFO status notification from dMAX INT8 Transfer completion notification from dMAX INT9 dMAX event (0x2 specified in the dMAX interrupt event entry) INT10 dMAX event (0x3 specified in the dMAX interrupt event entry) INT11 dMAX event (0x4 specified in the dMAX interrupt event entry) INT12 dMAX event (0x5 specified in the dMAX interrupt event entry) INT13 dMAX event (0x6 specified in the dMAX interrupt event entry) INT14 I2C0, I2C1, SPI0, SPI1 Interrupts INT15 dMAX event (0x7 specified in the dMAX interrupt event entry) Submit Documentation Feedback Device Overview 9 |
Numéro de pièce similaire - TMP320C6726BRFPA266 |
|
Description similaire - TMP320C6726BRFPA266 |