Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP51LX Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BAP51LX
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAP51LX Fiches technique(HTML) 2 Page - NXP Semiconductors

  BAP51LX Datasheet HTML 1Page - NXP Semiconductors BAP51LX Datasheet HTML 2Page - NXP Semiconductors BAP51LX Datasheet HTML 3Page - NXP Semiconductors BAP51LX Datasheet HTML 4Page - NXP Semiconductors BAP51LX Datasheet HTML 5Page - NXP Semiconductors BAP51LX Datasheet HTML 6Page - NXP Semiconductors BAP51LX Datasheet HTML 7Page - NXP Semiconductors BAP51LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP51LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 26 June 2007
2 of 8
NXP Semiconductors
BAP51LX
Silicon PIN diode
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 3.
Marking
Type number
Marking code
BAP51LX
L2
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
60
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 °C
-
140
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
66
K/W
Table 6.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 50 mA
-
0.95
1.1
V
IR
reverse current
VR = 50 V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR = 0 V
-
0.30
-
pF
VR = 1 V
-
0.22
0.40
pF
VR = 5 V
-
0.17
0.30
pF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
IF = 0.5 mA
-
4.9
9
IF = 1 mA
-
3.2
6.5
IF = 10 mA
-
1.4
2.5
IF = 100 mA
-
0.9
1.5
ISL
isolation
see Figure 3;VR =0V;
f = 900 MHz
-
19
-
dB
f = 1800 MHz
-
15
-
dB
f = 2450 MHz
-
13
-
dB


Numéro de pièce similaire - BAP51LX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
More results

Description similaire - BAP51LX

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com