Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1207S080HW Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce ADC1207S080HW
Description  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1207S080HW Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button ADC1207S080HW Datasheet HTML 7Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 8Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 9Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 10Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 11Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 12Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 13Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 14Page - NXP Semiconductors ADC1207S080HW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADC1207S080_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
11 of 21
NXP Semiconductors
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
The ADC1207S080 allows modifying the ADC full-scale. This could be done with FSIN
(full-scale input) according to Figure 5.
(1) fi 1H = 15 MHz; 0 dBc
(2) fi 2H = 5.1 MHz; −79.6 dBc
(3) fi 3H = 9.88 MHz; −82.1 dBc
(4) fi 4H = 20.1 MHz; −80.6 dBc
(5) fi 5H = 30 MHz; −74.7 dBc
(6) fi 6H = 35.1 MHz; −93.9 dBc
THD (5H):
−72.2 dBc
SFDR: 74.7 dBc
Fig 4.
Single tone; fi = 175 MHz; fCLK =80MHz
Fig 5.
ADC full-scale; Vi(a)(p-p) as a function of Vref(fs)
fi (MHz)
0
40
30
20
10
014aaa435
−80
−120
−40
0
power
spectrum
(dBc)
−160
(1)
(5)
(6)
(4)
(3)
(2)
Vref(fs) (V)
1.4
2.2
2.0
1.8
1.6
014aaa436
1.8
1.6
2.0
2.2
Vi(a)(p-p)
(V)
1.4


Numéro de pièce similaire - ADC1207S080HW

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1207S080HW IDT-ADC1207S080HW Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
More results

Description similaire - ADC1207S080HW

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
   12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com