Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1006S070H Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce ADC1006S070H
Description  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1006S070H Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button ADC1006S070H Datasheet HTML 2Page - NXP Semiconductors ADC1006S070H Datasheet HTML 3Page - NXP Semiconductors ADC1006S070H Datasheet HTML 4Page - NXP Semiconductors ADC1006S070H Datasheet HTML 5Page - NXP Semiconductors ADC1006S070H Datasheet HTML 6Page - NXP Semiconductors ADC1006S070H Datasheet HTML 7Page - NXP Semiconductors ADC1006S070H Datasheet HTML 8Page - NXP Semiconductors ADC1006S070H Datasheet HTML 9Page - NXP Semiconductors ADC1006S070H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
ADC1006S055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
6 of 31
NXP Semiconductors
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
[1]
The supply voltages VCCA, VCCD and VCCO may have any value between −0.3 V and +7.0 V provided that
the supply voltage differences
∆VCC are respected.
9.
Thermal characteristics
10. Characteristics
Vi(clk)(p-p)
peak-to-peak clock input
voltage
differential clock
drive at pins
35 and 36
-VCCD
V
IO
output current
-
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Condition
Value
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air
75
K/W
Table 6.
Characteristics
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto+85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; VVREF =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test[1] Min
Typ
Max
Unit
Supplies
VCCA
analog supply
voltage
4.75
5.0
5.25
V
VCCD
digital supply
voltage
4.75
5.0
5.25
V
VCCO
output supply
voltage
3.0
3.3
3.6
V
ICCA
analog supply
current
I
-
78
87
mA
ICCD
digital supply
current
I
-
27
30
mA
ICCO
output supply
current
fclk = 20 MHz; fi = 400 kHz
I
-
3
4
mA
fclk = 55 MHz; fi = 20 MHz
I
-
9.5
12
mA
Ptot
total power
dissipation
fclk = 55 MHz; fi = 20 MHz
-
550
660
mW
Inputs
CLK and CLKN (referenced to DGND)[2]
VIL
LOW-level input
voltage
PECL mode; VCCD = 5 V
I
3.19
-
3.52
V
TTL mode
C
0
-
0.8
V


Numéro de pièce similaire - ADC1006S070H

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1006S070H IDT-ADC1006S070H Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
More results

Description similaire - ADC1006S070H

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com