Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431AQDBZR Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce TL431AQDBZR
Description  Adjustable precision shunt regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431AQDBZR Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button TL431AQDBZR Datasheet HTML 3Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 4Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 5Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 6Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 7Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 8Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 9Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 10Page - NXP Semiconductors TL431AQDBZR Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
7 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
A-Grade (1 %): TL431ACDBZR; TL431AIDBZR; TL431AQDBZR; TL431ASDT; TL431AMSDT
Vref
reference voltage
VKA =Vref; IK = 10 mA
2470
2495
2520
mV
ΔV
ref
reference voltage variation
VKA =Vref; IK =10mA
TL431ACDBZR
Tamb =0 °Cto 70 °C-
6
16
mV
TL431AIDBZR
Tamb = −40 °Cto85 °C
-
14
34
mV
TL431AQDBZR
TL431ASDT
TL431AMSDT
Tamb = −40 °C to 125 °C
ΔV
ref/ΔVKA
reference voltage variation
to cathode-anode voltage
variation ratio
IK =10mA
ΔV
KA =10 V to Vref
-
−1.4
−2.7
mV/V
ΔV
KA =36 V to 10 V
-
−1
−2mV/V
Iref
reference current
IK =10mA;
R1 = 10 k
Ω; R2 = open
-2
4
μA
ΔI
ref
reference current variation
IK =10mA;
R1 = 10 k
Ω; R2 = open
TL431ACDBZR
Tamb =0 °Cto 70 °C-
0.4
1.2
μA
TL431AIDBZR
Tamb = −40 °Cto85 °C-
0.8
2.5
μA
TL431AQDBZR
TL431ASDT
TL431AMSDT
Tamb = −40 °C to 125 °C
IK(min)
minimum cathode current
VKA =Vref
TL431ACDBZR
Tamb =0 °Cto 70 °C-
0.4
0.6
mA
TL431AIDBZR
Tamb = −40 °Cto85 °C-
0.4
0.7
mA
TL431AQDBZR
TL431ASDT
TL431AMSDT
Tamb = −40 °C to 125 °C
Ioff
off-state current
VKA =36 V; Vref =0
-
0.1
0.5
μA
ZKA
dynamic cathode-anode
impedance
IK =1mA to 100mA;
VKA =Vref; f < 1 kHz
-0.2
0.5
Ω
B-Grade (0.5 %): TL431BCDBZR; TL431BIDBZR; TL431BQDBZR; TL431BSDT; TL431BMSDT
Vref
reference voltage
VKA =Vref; IK = 10 mA
2483
2495
2507
mV
ΔV
ref
reference voltage variation
VKA =Vref; IK =10mA
TL431BCDBZR
Tamb =0 °Cto 70 °C-
6
16
mV
TL431BIDBZR
Tamb = −40 °Cto85 °C
-
14
34
mV
TL431BQDBZR
TL431BSDT
TL431BMSDT
Tamb = −40 °C to 125 °C
ΔV
ref/ΔVKA
reference voltage variation
to cathode-anode voltage
variation ratio
IK =10mA
ΔV
KA =10 V to Vref
-
−1.4
−2.7
mV/V
ΔV
KA =36 V to 10 V
-
−1
−2mV/V
Iref
reference current
IK =10mA;
R1 = 10 k
Ω; R2 = open
-2
4
μA
Table 10.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - TL431AQDBZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL431AQDBZR TI-TL431AQDBZR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431AQDBZR TI-TL431AQDBZR Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431AQDBZR TI-TL431AQDBZR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
NXP Semiconductors
TL431AQDBZR NXP-TL431AQDBZR Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
logo
Texas Instruments
TL431AQDBZR TI-TL431AQDBZR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Description similaire - TL431AQDBZR

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com