Moteur de recherche de fiches techniques de composants électroniques |
|
TL4050C25IDCKRG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
TL4050C25IDCKRG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 35 page CATHODE ANODE _ + ABSOLUTE MAXIMUM RATINGS (1) RECOMMENDED OPERATING CONDITIONS TL4050 www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009 FUNCTIONAL BLOCK DIAGRAM over free-air temperature range (unless otherwise noted) MIN MAX UNIT IZ Continuous cathode current –10 20 mA DBV package 206 θ JA Package thermal impedance(2)(3) °C/W DCK package 252 TJ Operating virtual junction temperature 150 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT IZ Cathode current (1) 15 mA I temperature –40 85 TA Free-air temperature °C Q temperature –40 125 (1) See parametric tables Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TL4050 |
Numéro de pièce similaire - TL4050C25IDCKRG4 |
|
Description similaire - TL4050C25IDCKRG4 |