Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT16374ADGG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74LVT16374ADGG
Description  3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16374ADGG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT16374ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVT16374ADGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
74LVT_LVTH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 22 March 2010
6 of 19
NXP Semiconductors
74LVT16374A; 74LVTH16374A
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
7.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
[2]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability.
[3]
Above 60
°C the value of P
tot derates linearly with 5.5 mW/K.
[4]
Above 70
°C the value of P
tot derates linearly with 1.8 mW/K.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+7.0
V
VO
output voltage
output in OFF-state or
HIGH-state
[1]
−0.5
+7.0
V
IIK
input clamping current
VI < 0 V
−50
-
mA
IOK
output clamping current
VO < 0 V
−50
-
mA
IO
output current
output in LOW-state
-
128
mA
output in HIGH-state
−64
-
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
[2] -
150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
(T)SSOP48 package
[3] -
500
mW
VFBGA56 and
HXQFN60U package
[4] -
1000
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
3.6
V
VI
input voltage
0
-
5.5
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
IOH
HIGH-level output current
−32
-
-
mA
IOL
LOW-level output current
none
-
-
32
mA
current duty cycle
≤ 50 %;
fi ≥ 1kHz
--
64
mA
Tamb
ambient temperature
in free-air
−40
-
+85
°C
Δt/ΔV
input transition rise and fall rate outputs enabled
-
-
10
ns/V


Numéro de pièce similaire - 74LVT16374ADGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT16374ADGG PHILIPS-74LVT16374ADGG Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374ADGG NEXPERIA-74LVT16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
More results

Description similaire - 74LVT16374ADGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com