Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2044BDR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TPS2044BDR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 49 page RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS TPS2041B ,, TPS2042B TPS2043B, TPS2044B, TPS2051B TPS2052B, TPS2053B, TPS2054B www.ti.com .................................................................................................................................................. SLVS514J – APRIL 2004 – REVISED DECEMBER 2008 MIN MAX UNIT Input voltage, VI(IN), VI(INx) 2.7 5.5 V Input voltage, VI(EN), VI(ENx), VI(EN), VI(ENx) 0 5.5 V Continuous output current, IO(OUT), IO(OUTx) 0 500 mA Operating virtual junction temperature, TJ -40 125 °C over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.5 A, VI(/ENx) = 0 V (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT POWER SWITCH Static drain-source on-state D and DGN packages 70 135 VI(IN) = 5 V or 3.3 V, IO = 0.5 A, resistance, 5-V operation m Ω -40°C ≤ TJ ≤ 125°C DBV package only 95 140 and 3.3-V operation Static drain-source on-state rDS(on) VI(IN) = 2.7 V, IO = 0.5 A, resistance, 2.7-V D and DGN packages 75 150 m Ω -40°C ≤ TJ ≤ 125°C operation(2) Static drain-source on-state VI(IN) = 5 V, IO = 1.0 A, OUT1 and OUT2 DGN package, 49(3) m Ω resistance, 5-V operation connected, 0°C ≤ TJ ≤ 70°C TPS2042B/52B VI(IN) = 5.5 V 0.6 1.5 tr (2) Rise time, output VI(IN) = 2.7 V 0.4 1 CL = 1 µF, TJ = 25°C ms RL = 10 Ω VI(IN) = 5.5 V 0.05 0.5 tf (2) Fall time, output VI(IN) = 2.7 V 0.05 0.5 ENABLE INPUT EN AND ENx VIH High-level input voltage 2.7 V ≤ VI(IN) ≤ 5.5 V 2 V VIL Low-level input voltage 2.7 V ≤ VI(IN) ≤ 5.5 V 0.8 II Input current VI(ENx) = 0 V or 5.5 V -0.5 0.5 µA ton (2) Turnon time CL = 100 µF, RL = 10 Ω 3 ms toff (2) Turnoff time CL = 100 µF, RL = 10 Ω 10 CURRENT LIMIT TJ = 25°C 0.75 1 1.25 VI(IN) = 5 V, OUT connected to GND, device enabled into short-circuit -40°C ≤ TJ ≤ 125°C 0.7 1 1.3 IOS Short-circuit output current A VI(IN) = 5 V, OUT1 and OUT2 connected to 0°C ≤ TJ ≤ 70°C GND, device enabled into short-circuit, TPS2042B/52B, 1.5(3) measure at IN DGN package SUPPLY CURRENT (TPS2041B, TPS2051B) TJ = 25°C 0.5 1 No load on OUT, VI(ENx) = 5.5 V, Supply current, low-level output µA or VI(ENx) = 0 V -40°°C ≤ TJ ≤ 125°C 0.5 5 TJ = 25°C 43 60 No load on OUT, VI(ENx) = 0 V, Supply current, high-level output µA or VI(ENx) = 5.5 V -40°C ≤ TJ ≤ 125°C 43 70 OUT connected to ground, VI(ENx) = 5.5 V, Leakage current -40°C ≤ TJ ≤ 125°C 1 µA or VI(ENx) = 0 V Reverse leakage current VI(OUTx) = 5.5 V, IN = ground (2) TJ = 25°C 0 µA (1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately. (2) Not tested in production, specified by design. (3) Estimated value. Final value pending characterization. Copyright © 2004–2008, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B |
Numéro de pièce similaire - TPS2044BDR |
|
Description similaire - TPS2044BDR |