Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2066 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2066
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2066 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2066 Datasheet HTML 1Page - Texas Instruments TPS2066 Datasheet HTML 2Page - Texas Instruments TPS2066 Datasheet HTML 3Page - Texas Instruments TPS2066 Datasheet HTML 4Page - Texas Instruments TPS2066 Datasheet HTML 5Page - Texas Instruments TPS2066 Datasheet HTML 6Page - Texas Instruments TPS2066 Datasheet HTML 7Page - Texas Instruments TPS2066 Datasheet HTML 8Page - Texas Instruments TPS2066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TPS2061, TPS2062, TPS2063
TPS2065, TPS2066, TPS2067
www.ti.com
SLVS490I – DECEMBER 2003 – REVISED OCTOBER 2009
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted
(1)
UNIT
Input voltage range, VI(IN)
(2)
-0.3 V to 6 V
Output voltage range, VO(OUT)
(2), V
O(OUTx)
-0.3 V to 6 V
Input voltage range, VI(EN), VI(EN), VI(ENx), VI(ENx)
-0.3 V to 6 V
Voltage range, VI(OC), VI(OCx)
-0.3 V to 6 V
Continuous output current, IO(OUT), IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
-40°C to 150°C
Human body model
2 kV
Electrostatic discharge (ESD) protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
DISSIPATING RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D-8(1)
585.82 mW
5.8582 mW/°C
322.20 mW
234.32 mW
DGN-8(2)
1712.3 mW
17.123 mW/°C
941.78 mW
684.33 mW
D-16(1)
898.47 mW
8.9847 mW/°C
494.15 mW
359.38 mW
285 mW
2.85 mW/°C
155 mW
114 mW
DBV-5(3)
704 mW
7.04 mW/°C
387 mW
281 mW
(1)
Power ratings are based on the low-k board (1 signal, 1 layer).
(2)
Power ratings are based on the high-k board (2 signal, 2 plane) with PowerPAD™ vias to the internal ground plane.
(3)
Lower ratings are for low-k printed circuit board layout (single -sided). Higher ratings are for enhanced high-k layout, (2 signal, 2 plane)
with a 1mm2 copper pad on pin 2 and 2 vias to the ground plane.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI(EN), VI(EN), VI(ENx), VI(ENx)
0
5.5
V
Continuous output current, IO(OUT), IO(OUTx)
0
1
A
Operating virtual junction temperature, TJ
-40
125
°C
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 1 A, VI(ENx) = 0 V, or VI(ENx) = 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
POWER SWITCH
Static drain-source on-state
resistance, 5-V operation
VI(IN) = 5 V or 3.3 V, IO = 1 A, -40°C ≤ TJ ≤ 125°C
70
135
m
and 3.3-V operation
rDS(on)
Static drain-source on-state
resistance, 2.7-V
VI(IN) = 2.7 V, IO = 1 A, -40°C ≤ TJ ≤ 125°C
75
150
m
operation
VI(IN) = 5.5 V
0.6
1.5
tr
Rise time, output
VI(IN) = 2.7 V
0.4
1
CL = 1 μF, RL = 5 Ω, TJ = 25°C
ms
VI(IN) = 5.5 V
0.05
0.5
tf
Fall time, output
VI(IN) = 2.7 V
0.05
0.5
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2061 TPS2062 TPS2063 TPS2065 TPS2066 TPS2067


Numéro de pièce similaire - TPS2066

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2066 TI-TPS2066 Datasheet
713Kb / 27P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI1-TPS2066 Datasheet
1Mb / 43P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066-1 TI-TPS2066-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2066

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com