Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2042B Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2042B
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2042B Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2042B Datasheet HTML 1Page - Texas Instruments TPS2042B Datasheet HTML 2Page - Texas Instruments TPS2042B Datasheet HTML 3Page - Texas Instruments TPS2042B Datasheet HTML 4Page - Texas Instruments TPS2042B Datasheet HTML 5Page - Texas Instruments TPS2042B Datasheet HTML 6Page - Texas Instruments TPS2042B Datasheet HTML 7Page - Texas Instruments TPS2042B Datasheet HTML 8Page - Texas Instruments TPS2042B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
TPS2041B
,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514J – APRIL 2004 – REVISED DECEMBER 2008 .................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTION AND ORDERING INFORMATION
TYPICAL
PACKAGED DEVICES(1) (2)
RECOMMENDED
SHORT-
MAXIMUM
CIRCUIT
NUMBER OF
TA
ENABLE
CONTINUOUS
CURRENT
SWITCHES
MSOP (DGN)
SOIC (D)
SOT-23 (DBV)
SON (DRB)
LOAD CURRENT
LIMIT
AT 25°C
Active low
Single
TPS2041BDGN
TPS2041BD
TPS2041BDBV
Active high
Single
TPS2051BDGN
TPS2051BD
TPS2051BDBV
Active low
Dual
TPS2042BDGN
TPS2042BD
TPS2042BDRB
Active high
Dual
TPS2052BDGN
TPS2052BD
TPS2052BDRB
-40°C to
0.5 A
1 A
85°C
Active low
Triple
--
TPS2043BD
Active high
Triple
--
TPS2053BD
Active low
Quad
--
TPS2044BD
Active high
Quad
--
TPS2054BD
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., TPS2042BDR)
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range unless otherwise noted
(1)
UNIT
Input voltage range, VI(IN), VI(INx)
(2)
-0.3 V to 6 V
Output voltage range, VO(OUT), VO(OUTx)
(2)
-0.3 V to 6 V
Input voltage range, VI(EN), VI(ENx), VI(EN), VI(ENx)
-0.3 V to 6 V
Voltage range, VI(/OC), VI(OCx)
-0.3 V to 6 V
Continuous output current, IO(OUT), IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
-40°C to 125°C
Storage temperature range, Tstg
-65°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260°C
Human body model MIL-STD-883C
2 kV
Electrostatic discharge (ESD) protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
THERMAL
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
RESISTANCE,
θ
JA
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DGN-8
1712.3 mW
17.123 mW/°C
941.78 mW
684.93 mW
D-8
585.82 mW
5.8582 mW/°C
322.20 mW
234.32 mW
D-16
898.47 mW
8.9847 mW/°C
494.15 mW
359.38 mW
DBV-5
285 mW
2.85 mW/°C
155 mW
114 mW
DRB-8 (Low-K)(1)
270 °CW
370 mW
3.71 mW/°C
203 mW
148 mW
DRB-8 (High-K)(2)
60 °CW
1600 mW
16.67 mW/°C
916 mW
866 mW
(1)
Soldered PowerPAD on a standard 2-layer PCB without vias for thermal pad. See TI application note SLMA002 for further details.
(2)
Soldered PowerPAD on a standard 4-layer PCB with vias for thermal pad. See TI application note SLMA002 for further details.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2041B TPS2042B TPS2043B TPS2044B TPS2051B TPS2052B TPS2053B TPS2054B


Numéro de pièce similaire - TPS2042B

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2042B TI-TPS2042B Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042B TI-TPS2042B Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042B TI-TPS2042B Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042B TI1-TPS2042B Datasheet
1Mb / 52P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2042B TI1-TPS2042B Datasheet
1Mb / 59P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Description similaire - TPS2042B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com