Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT4067DB Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
74HCT4067DB Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 29 page 74HC_HCT4067_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 15 October 2007 2 of 29 NXP Semiconductors 74HC4067; 74HCT4067 16-channel analog multiplexer/demultiplexer 4. Ordering information Table 1. Ordering information Type number Package Temperature range Name Description Version 74HC4067 74HC4067N −40 °C to +125 °C DIP24 plastic dual in-line package; 24 leads (600 mil); reverse bending SOT101-1 74HC4067D −40 °C to +125 °C SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 74HC4067DB −40 °C to +125 °C SSOP24 plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 74HC4067PW −40 °C to +125 °C TSSOP24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT355-1 74HC4067BQ −40 °C to +125 °C DHVQFN24 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 × 5.5 × 0.85 mm SOT815-1 74HCT4067 74HCT4067N −40 °C to +125 °C DIP24 plastic dual in-line package; 24 leads (600 mil); reverse bending SOT101-1 74HCT4067D −40 °C to +125 °C SO24 plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 74HCT4067DB −40 °C to +125 °C SSOP24 plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 74HCT4067PW −40 °C to +125 °C TSSOP24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT355-1 74HCT4067BQ −40 °C to +125 °C DHVQFN24 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 24 terminals; body 3.5 × 5.5 × 0.85 mm SOT815-1 |
Numéro de pièce similaire - 74HCT4067DB |
|
Description similaire - 74HCT4067DB |