Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT4060 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HCT4060
Description  14-stage binary ripple counter with oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4060 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HCT4060 Datasheet HTML 1Page - NXP Semiconductors 74HCT4060 Datasheet HTML 2Page - NXP Semiconductors 74HCT4060 Datasheet HTML 3Page - NXP Semiconductors 74HCT4060 Datasheet HTML 4Page - NXP Semiconductors 74HCT4060 Datasheet HTML 5Page - NXP Semiconductors 74HCT4060 Datasheet HTML 6Page - NXP Semiconductors 74HCT4060 Datasheet HTML 7Page - NXP Semiconductors 74HCT4060 Datasheet HTML 8Page - NXP Semiconductors 74HCT4060 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
74HC_HCT4060_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 14 July 2008
4 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It cannot be used as
supply pin or input.
Fig 5.
Pin configuration DIP16, SO16 and (T)SSOP16
Fig 6.
Pin configuration DHVQFN16
74HC4060
74HCT4060
Q11
VCC
Q12
Q9
Q13
Q7
Q5
Q8
Q4
MR
Q6
RS
Q3
RTC
GND
CTC
001aai115
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
001aai469
74HC4060
74HCT4060
Q3
RTC
Q6
RS
Q4
MR
Q5
Q8
Q13
Q7
Q12
Q9
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
Q11 to Q13
1, 2, 3
counter output
Q3 to Q9
7, 5, 4, 6, 14, 13, 15
counter output
GND
8
ground (0 V)
CTC
9
external capacitor connection
RTC
10
external resistor connection
RS
11
clock input /oscillator pin
MR
12
master reset input (active HIGH)
VCC
16
supply voltage


Numéro de pièce similaire - 74HCT4060

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT4060 PHILIPS-74HCT4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
logo
NXP Semiconductors
74HCT4060-Q100 NXP-74HCT4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HCT4060-Q100 NEXPERIA-74HCT4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060BQ NEXPERIA-74HCT4060BQ Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
More results

Description similaire - 74HCT4060

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
logo
ON Semiconductor
MC74HC4020A ONSEMI-MC74HC4020A Datasheet
167Kb / 8P
   14-Stage Binary Ripple Counter
March, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com