Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT594 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74HCT594
Description  8-bit shift register with output register
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT594 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT594 Datasheet HTML 7Page - NXP Semiconductors 74HCT594 Datasheet HTML 8Page - NXP Semiconductors 74HCT594 Datasheet HTML 9Page - NXP Semiconductors 74HCT594 Datasheet HTML 10Page - NXP Semiconductors 74HCT594 Datasheet HTML 11Page - NXP Semiconductors 74HCT594 Datasheet HTML 12Page - NXP Semiconductors 74HCT594 Datasheet HTML 13Page - NXP Semiconductors 74HCT594 Datasheet HTML 14Page - NXP Semiconductors 74HCT594 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74HC_HCT594_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
11 of 26
NXP Semiconductors
74HC594; 74HCT594
8-bit shift register with output register
∆I
CC
additional supply current
per input pin; VI =VCC − 2.1 V and
other inputs at VCC or GND;
IO = 0 A; VCC = 4.5 V to 5.5 V
pins SHR, SHCP, STCP, STR
-
-
675
µA
pin DS
-
-
112.5
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = −4.0 mA; VCC = 4.5 V
3.7
-
-
V
Parallel data outputs
IO = −6.0 mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
Serial data output Q7S
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
Parallel data outputs
IO = 6.0 mA; VCC = 4.5 V
-
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
±1.0
µA
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
160
µA
∆ICC
additional supply current
per input pin; VI =VCC − 2.1 V and
other inputs at VCC or GND;
IO = 0 A; VCC = 4.5 V to 5.5 V
pins SHR, SHCP, STCP, STR
-
-
735
µA
pin DS
-
-
122.5
µA
Table 7.
Static characteristics type 74HCT594 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74HCT594

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT594 PHILIPS-74HCT594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Nexperia B.V. All right...
74HCT594 NEXPERIA-74HCT594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HCT594D PHILIPS-74HCT594D Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
logo
Nexperia B.V. All right...
74HCT594D NEXPERIA-74HCT594D Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results

Description similaire - 74HCT594

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com