Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT3G14 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74HCT3G14
Description  Triple inverting Schmitt trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G14 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT3G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 9Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 10Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 11Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 12Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 13Page - NXP Semiconductors 74HCT3G14 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
74HC_HCT3G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 May 2009
10 of 18
NXP Semiconductors
74HC3G14; 74HCT3G14
Triple inverting Schmitt trigger
Test data is given in Table 11.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 11. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 11.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
74HC3G14
GND to VCC
≤ 6 ns
50 pF
1 k
open
74HCT3G14
GND to 3.0 V
≤ 6 ns
50 pF
1 k
open


Numéro de pièce similaire - 74HCT3G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT3G14 PHILIPS-74HCT3G14 Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HCT3G14DC PHILIPS-74HCT3G14DC Datasheet
101Kb / 20P
   Inverting Schmitt-triggers
2003 Nov 04
logo
Nexperia B.V. All right...
74HCT3G14DC NEXPERIA-74HCT3G14DC Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
More results

Description similaire - 74HCT3G14

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
logo
NXP Semiconductors
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
   Triple inverting Schmitt trigger
Rev. 5-9 December 2013
logo
Nexperia B.V. All right...
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
   Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
   Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
   Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
logo
NXP Semiconductors
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
   Triple inverting Schmitt trigger
Rev. 3-23 January 2013
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
   Triple inverting Schmitt trigger
Rev. 8-13 May 2013
logo
Nexperia B.V. All right...
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
   Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
   Triple inverting Schmitt trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com