Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT3G07DP Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HCT3G07DP
Description  Triple buffer with open-drain outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT3G07DP Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HCT3G07DP Datasheet HTML 1Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 2Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 3Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 4Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 5Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 6Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 7Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 8Page - NXP Semiconductors 74HCT3G07DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74HC_HCT3G07_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2009
5 of 13
NXP Semiconductors
74HC3G07; 74HCT3G07
Triple buffer with open-drain outputs
[1]
Typical values are measured at Tamb =25 °C.
11. Dynamic characteristics
74HCT3G07
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VOL
LOW-level output
voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC = 5.5 V
-
-
±1.0
-
±1.0
µA
ILO
output leakage
current
VI =VIH; VO =VCC or GND
-
-
±5.0
-
±10
µA
ICC
supply current
per input pin; VCC = 5.5 V;
VI =VCC or GND; IO =0A;
-
-
10
-
20
µA
∆ICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
375
-
410
µA
CI
input capacitance
-
1.5
-
-
-
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 °C.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb =25 °C; for test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
74HC3G07
tPZL
OFF-state to LOW
propagation delay
nA to nY; see Figure 6
VCC = 2.0 V
-
25
95
-
125
ns
VCC = 4.5 V
-
9
19
-
25
ns
VCC = 6.0 V
-
7
16
-
20
ns
tPLZ
LOW to OFF-state
propagation delay
nA to nY; see Figure 6
VCC = 2.0 V
-
25
95
-
125
ns
VCC = 4.5 V
-
11
23
-
30
ns
VCC = 6.0 V
-
10
23
-
26
ns
tTHL
HIGH to LOW output
transition time
nY; see Figure 6
VCC = 2.0 V
-
18
95
-
125
ns
VCC = 4.5 V
-
6
19
-
25
ns
VCC = 6.0 V
-
5
16
-
20
ns
CPD
power dissipation
capacitance
VI = GND to VCC
[1]
-4-
-
-
pF


Numéro de pièce similaire - 74HCT3G07DP

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HCT3G07DP NEXPERIA-74HCT3G07DP Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
More results

Description similaire - 74HCT3G07DP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
   Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
   Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
   TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07 NEXPERIA-74HCT3G07 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 5 - 24 January 2019
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
   Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
   Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
   Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
   Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com