Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC2G125 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74HC2G125
Description  Dual buffer/line driver; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G125 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74HC2G125 Datasheet HTML 1Page - NXP Semiconductors 74HC2G125 Datasheet HTML 2Page - NXP Semiconductors 74HC2G125 Datasheet HTML 3Page - NXP Semiconductors 74HC2G125 Datasheet HTML 4Page - NXP Semiconductors 74HC2G125 Datasheet HTML 5Page - NXP Semiconductors 74HC2G125 Datasheet HTML 6Page - NXP Semiconductors 74HC2G125 Datasheet HTML 7Page - NXP Semiconductors 74HC2G125 Datasheet HTML 8Page - NXP Semiconductors 74HC2G125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT2G125_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 July 2008
2 of 14
NXP Semiconductors
74HC2G125; 74HCT2G125
Dual buffer/line driver; 3-state
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking
Type number
Marking code
74HC2G125DP
H25
74HCT2G125DP
T25
74HC2G125DC
H25
74HCT2G125DC
T25
74HC2G125GD
H25
74HCT2G125GD
T25
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
mce185
1A
1Y
2
1
6
1OE
2A
2Y
5
7
3
2OE
mce186
1
1
2
6
2
EN1
7
3
5
EN2
mna120
A
Y
OE
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
1OE
VCC
1A
2OE
2Y
1Y
GND
2A
001aae074
1
2
3
4
6
5
8
7
74HC2G125
74HCT2G125
001aai333
74HC2G125
74HCT2G125
Transparent top view
8
7
6
5
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A


Numéro de pièce similaire - 74HC2G125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
logo
Nexperia B.V. All right...
74HC2G125 NEXPERIA-74HC2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
74HC2G125-Q100 NEXPERIA-74HC2G125-Q100 Datasheet
226Kb / 13P
   Dual buffer/line driver 3-state
74HC2G125-Q100 NEXPERIA-74HC2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
logo
NXP Semiconductors
74HC2G125DC PHILIPS-74HC2G125DC Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
More results

Description similaire - 74HC2G125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com