Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ13CA Fiches technique(PDF) 3 Page - Diotech Company.

No de pièce SMAJ13CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTECH [Diotech Company.]
Site Internet  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMAJ13CA Fiches technique(HTML) 3 Page - Diotech Company.

  SMAJ13CA Datasheet HTML 1Page - Diotech Company. SMAJ13CA Datasheet HTML 2Page - Diotech Company. SMAJ13CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMAJ5.0 THRU SMAJ170CA
RATINGS AND CHARACTERISTIC CURVES
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A — Ambient Temperature ( oC )
1
5
10
50
100
tp — P ulse Duration (sec)
FIG. 2 –Pulse Derating Curve
FIG.1 – Peak Pulse Power Rating Curve
0.1
1
10
100
0.1ms
1.0ms
10ms
td — P ulse Width (sec.)
100ms
1.0ms
10ms
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
0.2 x 0.2" (5.0 x 5.0mm)
C opper P ad Areas
FIG.5 – Typical Transient Thermal
Impedance
Non-repetitive P ulse
Waveform shown in F IG . 3
T A = 25 oC
FIG.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
Number of C ycles at 60 Hz
10
100
1,000
10,000
10
1
100
200
VWM — R everse S tand-off Voltage (V)
T J = 25 oC
f = 1.0MHz
V sig = 50mV p-p
Measured at
S tand-Off
Voltage, V WM
Uni-Directional
B i-Directional
10
50
100
200
T J = TJ max.
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
FIG. 4 – Typical Junction Capacitance
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
FIG.3 – Pulse Wavef orm
T J = 25 oC
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10 sec.
P eak Value
IPPM
Half Value — IP P
IPPM
2
td
10/1000 sec. Waveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
S MAJ 5.0 --
S MAJ 78
S MAJ 85 --
S MAJ 170
u


Numéro de pièce similaire - SMAJ13CA

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ13CA BYTES-SMAJ13CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ13CA UMW-SMAJ13CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ13CA DIODES-SMAJ13CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ13CA PACELEADER-SMAJ13CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ13CA ANOVA-SMAJ13CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMAJ13CA

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com