Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ12CA Fiches technique(PDF) 2 Page - Diotech Company.

No de pièce SMAJ12CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTECH [Diotech Company.]
Site Internet  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

SMAJ12CA Fiches technique(HTML) 2 Page - Diotech Company.

  SMAJ12CA Datasheet HTML 1Page - Diotech Company. SMAJ12CA Datasheet HTML 2Page - Diotech Company. SMAJ12CA Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAJ5.0 THRU SMAJ170CA
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Stand - Off Voltage - 5.0 to 170 Volts
Peak Pulse Power - 400 Watt
UNI- POLAR BI-POLAR(1) UNI
BI
SMAJ5.0A
SMAJ5.0CA AE
WE
5.0
6.40
7.00
10
9.2
43.5
800
SMAJ6.0A
SMAJ6.0CA AG
WG
6.0
6.67
7.37
10
10.3
38.8
800
SMAJ6.5A
SMAJ6.5CA AK
WK
6.5
7.22
7.98
10
11.2
35.7
500
SMAJ7.0A
SMAJ7.0CA AM
WM
7.0
7.78
8.60
10
12.0
33.3
200
SMAJ7.5A
SMAJ7.5CA AP
WP
7.5
8.33
9.21
1
12.9
31.0
100
SMAJ8.0A
SMAJ8.0CA AR
WR
8.0
8.89
9.83
1
13.6
29.4
50
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.40
1
14.4
27.8
20
SMAJ9.0A
SMAJ9.0CA AV
WV
9.0
10.00
11.10
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
AX
WX
10.0
11.10
12.30
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
AZ
WZ
11.0
12.20
13.50
1
18.2
22.0
5
SMAJ12A
SMAJ12CA
BE
XE
12.0
13.30
14.70
1
19.9
20.1
5
SMAJ13A
SMAJ13CA
BG
XG
13.0
14.40
15.90
1
21.5
18.6
5
SMAJ14A
SMAJ14CA
BK
XK
14.0
15.60
17.20
1
23.2
17.2
5
SMAJ15A
SMAJ15CA
BM XM
15.0
16.70
18.50
1
24.4
16.4
5
SMAJ16A
SMAJ16CA
BP
XP
16.0
17.80
19.70
1
26.0
15.4
5
SMAJ17A
SMAJ17CA
BR
XR
17.0
18.90
20.90
1
27.6
14.5
5
SMAJ18A
SMAJ18CA
BT
XT
18.0
20.00
22.10
1
29.2
13.7
5
SMAJ20A
SMAJ20CA
BV
XV
20.0
22.20
24.50
1
32.4
12.3
5
SMAJ22A
SMAJ22CA
BX
XX
22.0
24.40
26.90
1
35.5
11.3
5
SMAJ24A
SMAJ24CA
BZ
XZ
24.0
26.70
29.50
1
38.9
10.3
5
SMAJ26A
SMAJ26CA
CE
YE
26.0
28.90
31.90
1
42.1
9.5
5
SMAJ28A
SMAJ28CA CG
YG
28.0
31.10
34.40
1
45.4
8.8
5
SMAJ30A
SMAJ30CA
CK
YK
30.0
33.30
36.80
1
48.4
8.3
5
SMAJ33A
SMAJ33CA CM
YM
33.0
36.70
40.60
1
53.3
7.5
5
SMAJ36A
SMAJ36CA
CP
YP
36.0
40.00
44.20
1
58.1
6.9
5
SMAJ40A
SMAJ40CA
CR
YR
40.0
44.40
49.10
1
64.5
6.2
5
SMAJ43A
SMAJ43CA
CT
YT
43.0
47.80
52.80
1
69.4
5.8
5
SMAJ45A
SMAJ45CA
CV
YV
45.0
50.00
55.30
1
72.7
5.5
5
SMAJ48A
SMAJ48CA
CX
YX
48.0
53.30
58.90
1
77.4
5.2
5
SMAJ51A
SMAJ51CA
CZ
YZ
51.0
56.70
62.70
1
82.4
4.9
5
SMAJ54A
SMAJ54CA
RE
ZE
54.0
60.00
66.30
1
87.1
4.6
5
SMAJ58A
SMAJ58CA
RG
ZG
58.0
64.40
71.20
1
93.6
4.3
5
SMAJ60A
SMAJ60CA
RK
ZK
60.0
66.70
73.70
1
96.8
4.1
5
SMAJ64A
SMAJ64CA
RM ZM
64.0
71.10
78.60
1
103.0
3.9
5
SMAJ70A
SMAJ70CA
RP
ZP
70.0
77.80
86.00
1
113.0
3.5
5
SMAJ75A
SMAJ75CA
RR
ZR
75.0
83.30
92.10
1
121.0
3.3
5
SMAJ78A
SMAJ78CA
RT
ZT
78.0
86.70
95.80
1
126.0
3.2
5
SMAJ85A
SMAJ85CA
RV
ZV
85.0
94.40
104.00
1
137.0
2.9
5
SMAJ90A
SMAJ90CA
RX
ZX
90.0
100.00
111.00
1
146.0
2.7
5
SMAJ100A SMAJ100CA RZ
ZZ
100.0
111.00
123.00
1
162.0
2.5
5
SMAJ110A
SE
110.0
122.00
135.00
1
177.0
2.3
5
SMAJ120A
SG
120.0
133.00
147.00
1
193.0
2.1
5
SMAJ130A
SK
130.0
144.00
159.00
1
209.0
1.9
5
SMAJ150A
SM
150.0
167.00
185.00
1
243.0
1.6
5
SMAJ160A
SP
160.0
178.00
197.00
1
259.0
1.5
5
SMAJ170A
SR
170.0
189.00
209.00
1
275.0
1.5
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
for parts without A , the VBR is +
+
10%.
BREAK DOWN
VOLTAGE
VBR(V)(1)
VBR(V)(2)
MAX.@IT
TEST
CURRE
NT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
SMAJ
PART NUMBER
DEVICE
MARKING
CODE
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)(3)
Electrical characteristics
SMAJ110CA
SMAJ120CA
SMAJ130CA
SMAJ150CA
SMAJ160CA
SMAJ170CA
VE
VG
VK
VM
VP
VR
NOTE: 1. Suffix C denotes Bi-direction device, Suffix A denotes the V is 5%
BR
2. V messured with I Current pulse=300us.
BR
T
3.


Numéro de pièce similaire - SMAJ12CA

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ12CA BYTES-SMAJ12CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Alpha & Omega Semicondu...
SMAJ12CA AOSMD-SMAJ12CA Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Diodes Incorporated
SMAJ12CA DIODES-SMAJ12CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMAJ12CA SECOS-SMAJ12CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
PACELEADER INDUSTRIAL
SMAJ12CA PACELEADER-SMAJ12CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - SMAJ12CA

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com