Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLV1G125GM Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74CBTLV1G125GM
Description  Single bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV1G125GM Fiches technique(HTML) 2 Page - NXP Semiconductors

  74CBTLV1G125GM Datasheet HTML 1Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 2Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 3Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 4Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 5Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 6Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 7Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 8Page - NXP Semiconductors 74CBTLV1G125GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74CBTLV1G125_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2007
2 of 18
NXP Semiconductors
74CBTLV1G125
Single bus switch
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74CBTLV1G125GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
74CBTLV1G125GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74CBTLV1G125GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74CBTLV1G125GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74CBTLV1G125GW
bM
74CBTLV1G125GV
b25
74CBTLV1G125GM
bM
74CBTLV1G125GF
bM
Fig 1.
Logic symbol
Fig 2.
Logic diagram
001aad713
A
OE
B
4
2
1
SWITCH
001aad714
AB
OE


Numéro de pièce similaire - 74CBTLV1G125GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74CBTLV1G125GM PHILIPS-74CBTLV1G125GM Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
More results

Description similaire - 74CBTLV1G125GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB384FU TOSHIBA-TC7SB384FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com