Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC2T45GD Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AVC2T45GD
Description  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GD Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AVC2T45GD Datasheet HTML 6Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45GD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
74AVC2T45_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
10 of 32
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
VCC(A) = 0.8 V
tpd
propagation delay
A to B; see Figure 6
[2]
VCC(B) = 0.8 V
-
15.5
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
8.1
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
7.6
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
7.7
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
8.4
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
9.2
-
-
-
-
ns
B to A; see Figure 6
[2]
VCC(B) = 0.8 V
-
15.5
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
12.7
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
12.3
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
12.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
12.0
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
11.8
-
-
-
-
ns
tdis
disable time
DIR to A; see Figure 7
[3]
VCC(B) = 0.8 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
12.2
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
12.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
12.2
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
12.2
-
-
-
-
ns
DIR to B; see Figure 7
[3]
VCC(B) = 0.8 V
-
11.7
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
7.9
-
-
-
-
ns
VCC(B) = 1.4 V to 1.6 V
-
7.6
-
-
-
-
ns
VCC(B) = 1.65 V to 1.95 V
-
8.2
-
-
-
-
ns
VCC(B) = 2.3 V to 2.7 V
-
8.7
-
-
-
-
ns
VCC(B) = 3.0 V to 3.6 V
-
10.2
-
-
-
-
ns


Numéro de pièce similaire - 74AVC2T45GD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC2T45GD NXP-74AVC2T45GD Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
More results

Description similaire - 74AVC2T45GD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVC2T45 NXP-74AVC2T45 Datasheet
139Kb / 28P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01 - 3 July 2007
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com