Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVCH1T45GW Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AVCH1T45GW
Description  Dual supply translating transceiver; 3-state
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH1T45GW Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AVCH1T45GW Datasheet HTML 5Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 6Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 7Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 8Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 9Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 10Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 11Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 12Page - NXP Semiconductors 74AVCH1T45GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74AVCH1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 5 May 2009
9 of 22
NXP Semiconductors
74AVCH1T45
Dual supply translating transceiver; 3-state
[1]
In order to guarantee the node switches, an external driver must source/sink at least IBHLO / IBHHO when the input is in the range VIL to
VIH.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCI is the supply voltage associated with the data input port.
IBHLO
bus hold LOW
overdrive current
A or B port
[1]
VCC(A) = VCC(B) = 1.6 V
125
-
-
µA
VCC(A) = VCC(B) = 1.95 V
200
-
-
µA
VCC(A) = VCC(B) = 2.7 V
300
-
-
µA
VCC(A) = VCC(B) = 3.6 V
500
-
-
µA
IBHHO
bus hold HIGH
overdrive current
A or B port
[1]
VCC(A) = VCC(B) = 1.6 V
−125
-
-
µA
VCC(A) = VCC(B) = 1.95 V
−200
-
-
µA
VCC(A) = VCC(B) = 2.7 V
−300
-
-
µA
VCC(A) = VCC(B) = 3.6 V
−500
-
-
µA
IOZ
OFF-state output
current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
[2] --
±7.5
µA
IOFF
power-off leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V;VCC(A) = 0.8 V to 3.6 V
--
±35
µA
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
[3]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
--
12
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
12
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−80
-
µA
B port; VI = 0 V or VCCI; IO = 0 A
[3]
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
--
12
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−80
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
12
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
[3] --
24
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AVCH1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AVCH1T45GW NXP-74AVCH1T45GW Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AVCH1T45GW NEXPERIA-74AVCH1T45GW Datasheet
315Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 6.1 -1 March 2022
74AVCH1T45GW-Q100 NEXPERIA-74AVCH1T45GW-Q100 Datasheet
786Kb / 21P
   Dual-supply voltage level translator/transceiver 3-state
More results

Description similaire - 74AVCH1T45GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com