Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2GU04 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AUP2GU04
Description  Low-power dual unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2GU04 Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AUP2GU04 Datasheet HTML 1Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 2Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 3Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 4Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 5Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 6Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 7Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 8Page - NXP Semiconductors 74AUP2GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AUP2GU04 provides two unbuffered inverting gates.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I ESD protection:
N HBM JESD22-A114E Class 3A exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
3.
Ordering information
74AUP2GU04
Low-power dual unbuffered inverter
Rev. 02 — 3 July 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2GU04GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2GU04GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2GU04GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891


Numéro de pièce similaire - 74AUP2GU04

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GM NEXPERIA-74AUP2GU04GM Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
74AUP2GU04GM-Q100 NEXPERIA-74AUP2GU04GM-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04GN NEXPERIA-74AUP2GU04GN Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
More results

Description similaire - 74AUP2GU04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
   Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com