Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G240 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AUP2G240
Description  Low-power dual inverting buffer/line driver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G240 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G240 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G240 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74AUP2G240_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
9 of 20
NXP Semiconductors
74AUP2G240
Low-power dual inverting buffer/line driver; 3-state
CL = 10 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
25.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.5
6.6
14.5
3.2
16.3
18.0
ns
VCC = 1.4 V to 1.6 V
2.2
4.6
8.4
2.0
9.9
10.9
ns
VCC = 1.65 V to 1.95 V
2.0
3.8
6.4
1.8
7.7
8.6
ns
VCC = 2.3 V to 2.7 V
1.8
3.1
4.8
1.7
5.7
6.4
ns
VCC = 3.0 V to 3.6 V
1.7
2.8
4.3
1.7
5.0
5.5
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 0.8 V
-
74.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
7.4
16.3
3.2
18.2
20.1
ns
VCC = 1.4 V to 1.6 V
2.3
5.1
9.2
2.1
10.9
12.0
ns
VCC = 1.65 V to 1.95 V
2.0
4.1
7.1
1.8
8.5
9.4
ns
VCC = 2.3 V to 2.7 V
1.8
3.4
5.4
1.7
6.4
7.1
ns
VCC = 3.0 V to 3.6 V
1.8
3.1
4.8
1.7
5.7
6.3
ns
tdis
disable time
nOE to nY; see Figure 8
[4]
VCC = 0.8 V
-
33.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.4
5.4
9.0
3.2
10.0
11.0
ns
VCC = 1.4 V to 1.6 V
2.1
4.1
6.3
2.1
7.1
7.9
ns
VCC = 1.65 V to 1.95 V
2.3
4.2
6.3
1.8
7.1
7.9
ns
VCC = 2.3 V to 2.7 V
1.6
3.0
4.6
1.7
5.2
5.7
ns
VCC = 3.0 V to 3.6 V
2.1
3.8
5.7
1.7
6.4
7.1
ns
CL = 15 pF
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
29.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.9
7.4
16.3
3.6
18.4
20.2
ns
VCC = 1.4 V to 1.6 V
3.0
5.1
9.4
2.5
11.1
12.3
ns
VCC = 1.65 V to 1.95 V
2.2
4.2
7.2
2.1
8.7
9.6
ns
VCC = 2.3 V to 2.7 V
2.0
3.5
5.4
1.9
6.5
7.2
ns
VCC = 3.0 V to 3.6 V
2.0
3.3
4.9
1.9
5.7
6.4
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 0.8 V
-
77.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.0
8.2
18.2
3.6
20.4
22.5
ns
VCC = 1.4 V to 1.6 V
3.0
5.6
10.3
2.5
12.2
13.4
ns
VCC = 1.65 V to 1.95 V
2.3
4.6
7.9
2.1
9.5
10.5
ns
VCC = 2.3 V to 2.7 V
2.1
3.9
6.0
2.0
7.2
7.9
ns
VCC = 3.0 V to 3.6 V
2.1
3.6
5.5
1.9
6.4
7.1
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground=0V; for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP2G240

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240DC NEXPERIA-74AUP2G240DC Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GN NEXPERIA-74AUP2G240GN Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GS NEXPERIA-74AUP2G240GS Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
74AUP2G240GT NEXPERIA-74AUP2G240GT Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results

Description similaire - 74AUP2G240

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com