Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G132GM Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AUP2G132GM
Description  Low-power dual 2-input NAND Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G132GM Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G132GM Datasheet HTML 6Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 7Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 8Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 9Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 10Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 11Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 12Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 13Page - NXP Semiconductors 74AUP2G132GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74AUP2G132_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 December 2008
10 of 19
NXP Semiconductors
74AUP2G132
Low-power dual 2-input NAND Schmitt trigger
14. Transfer characteristics
15. Waveforms transfer characteristics
Table 11.
Transfer characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VT+
positive-going
threshold voltage
see Figure 10 and
Figure 11
VCC = 0.8 V
0.30
-
0.60
0.30
0.60
0.62
V
VCC = 1.1 V
0.53
-
0.90
0.53
0.90
0.92
V
VCC = 1.4 V
0.74
-
1.11
0.74
1.11
1.13
V
VCC = 1.65 V
0.91
-
1.29
0.91
1.29
1.31
V
VCC = 2.3 V
1.37
-
1.77
1.37
1.77
1.80
V
VCC = 3.0 V
1.88
-
2.29
1.88
2.29
2.32
V
VT−
negative-going
threshold voltage
see Figure 10 and
Figure 11
VCC = 0.8 V
0.10
-
0.60
0.10
0.60
0.60
V
VCC = 1.1 V
0.26
-
0.65
0.26
0.65
0.65
V
VCC = 1.4 V
0.39
-
0.75
0.39
0.75
0.75
V
VCC = 1.65 V
0.47
-
0.84
0.47
0.84
0.84
V
VCC = 2.3 V
0.69
-
1.04
0.69
1.04
1.04
V
VCC = 3.0 V
0.88
-
1.24
0.88
1.24
1.24
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 10,
Figure 11, Figure 12 and
Figure 13
VCC = 0.8 V
0.07
-
0.50
0.07
0.50
0.50
V
VCC = 1.1 V
0.08
-
0.46
0.08
0.46
0.46
V
VCC = 1.4 V
0.18
-
0.56
0.18
0.56
0.56
V
VCC = 1.65 V
0.27
-
0.66
0.27
0.66
0.66
V
VCC = 2.3 V
0.53
-
0.92
0.53
0.92
0.92
V
VCC = 3.0 V
0.79
-
1.31
0.79
1.31
1.31
V
VT+ and VT− limits at 70 % and 20 %.
Fig 10. Transfer characteristic
Fig 11. Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Numéro de pièce similaire - 74AUP2G132GM

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G132GF NEXPERIA-74AUP2G132GF Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GN NEXPERIA-74AUP2G132GN Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GS NEXPERIA-74AUP2G132GS Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GT NEXPERIA-74AUP2G132GT Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
74AUP2G132GX NEXPERIA-74AUP2G132GX Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
More results

Description similaire - 74AUP2G132GM

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G132 NEXPERIA-74AUP2G132 Datasheet
309Kb / 21P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 10 - 23 January 2023
logo
NXP Semiconductors
74AUP2G132 PHILIPS-74AUP2G132_15 Datasheet
296Kb / 23P
   Low-power dual 2-input NAND Schmitt trigger
Rev. 7-8 February 2013
74AUP1G132 NXP-74AUP1G132 Datasheet
105Kb / 18P
   Low-power 2-input NAND Schmitt trigger
Rev. 02-15 June 2009
74AUP1G132 PHILIPS-74AUP1G132_15 Datasheet
367Kb / 22P
   Low-power 2-input NAND Schmitt trigger
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G132-Q100 NEXPERIA-74AUP1G132-Q100 Datasheet
238Kb / 14P
   Low-power 2-input NAND Schmitt trigger
Rev. 3 - 14 January 2022
74AUP1G132 NEXPERIA-74AUP1G132 Datasheet
286Kb / 19P
   Low-power 2-input NAND Schmitt trigger
Rev. 8 - 14 January 2022
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com