Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G125GD Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AUP2G125GD
Description  Low-power dual buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G125GD Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP2G125GD Datasheet HTML 5Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 6Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 7Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 8Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 9Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 10Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 11Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 12Page - NXP Semiconductors 74AUP2G125GD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74AUP2G125_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 27 November 2009
9 of 21
NXP Semiconductors
74AUP2G125
Low-power dual buffer/line driver; 3-state
ten
enable time
nOE to nY; see Figure 9
[3]
VCC = 0.8 V
-
69.9
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.1
6.1
11.8
2.9
13.9
15.4
ns
VCC = 1.4 V to 1.6 V
2.5
4.2
6.6
2.3
7.7
8.3
ns
VCC = 1.65 V to 1.95 V
2.1
3.4
5.1
2.0
6.2
6.8
ns
VCC = 2.3 V to 2.7 V
1.8
2.6
3.7
1.7
4.5
5.0
ns
VCC = 3.0 V to 3.6 V
1.7
2.4
3.1
1.7
3.5
3.9
ns
tdis
disable time
nOE to nY; see Figure 9
[4]
VCC = 0.8 V
-
14.3
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
4.3
6.5
2.7
7.3
8.2
ns
VCC = 1.4 V to 1.6 V
2.1
3.2
4.4
2.1
5.1
5.7
ns
VCC = 1.65 V to 1.95 V
2.0
3.0
4.3
2.0
5.0
5.7
ns
VCC = 2.3 V to 2.7 V
1.4
2.2
2.9
1.4
3.3
4.1
ns
VCC = 3.0 V to 3.6 V
1.7
2.5
3.2
1.7
3.4
3.9
ns
CL = 10 pF
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 0.8 V
-
24.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
6.4
12.3
3.0
13.8
15.2
ns
VCC = 1.4 V to 1.6 V
2.1
4.5
7.3
1.9
8.5
9.4
ns
VCC = 1.65 V to 1.95 V
1.9
3.8
5.5
1.7
6.8
7.6
ns
VCC = 2.3 V to 2.7 V
2.1
3.2
4.2
1.6
5.3
5.9
ns
VCC = 3.0 V to 3.6 V
1.8
3.0
3.8
1.6
4.6
5.2
ns
ten
enable time
nOE to nY; see Figure 9
[3]
VCC = 0.8 V
-
73.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.6
6.9
13.5
3.4
15.8
17.5
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
7.7
2.2
8.6
9.4
ns
VCC = 1.65 V to 1.95 V
2.0
3.9
5.8
1.9
6.8
7.4
ns
VCC = 2.3 V to 2.7 V
1.8
3.2
4.3
1.7
5.3
5.9
ns
VCC = 3.0 V to 3.6 V
1.7
3.0
3.9
1.7
4.3
4.8
ns
tdis
disable time
nOE to nY; see Figure 9
[4]
VCC = 0.8 V
-
32.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.4
5.4
7.9
3.4
8.8
9.9
ns
VCC = 1.4 V to 1.6 V
2.2
4.1
5.5
2.2
6.2
7.1
ns
VCC = 1.65 V to 1.95 V
2.2
4.2
5.6
1.9
6.3
7.1
ns
VCC = 2.3 V to 2.7 V
1.7
3.0
3.8
1.7
4.5
5.1
ns
VCC = 3.0 V to 3.6 V
2.1
3.8
4.8
1.7
5.0
5.6
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
Max
(85
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP2G125GD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G125GD NXP-74AUP2G125GD Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125GD PHILIPS-74AUP2G125GD Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
More results

Description similaire - 74AUP2G125GD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com